Electronic Components Datasheet Search
  English  ▼

X  

AD8505 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8505
Description  Precision Micropower Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8505 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8505 Datasheet HTML 2Page - Analog Devices AD8505 Datasheet HTML 3Page - Analog Devices AD8505 Datasheet HTML 4Page - Analog Devices AD8505 Datasheet HTML 5Page - Analog Devices AD8505 Datasheet HTML 6Page - Analog Devices AD8505 Datasheet HTML 7Page - Analog Devices AD8505 Datasheet HTML 8Page - Analog Devices AD8505 Datasheet HTML 9Page - Analog Devices AD8505 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV.
OP777/OP727/OP747
–6–
LOAD CURRENT – mA
10k
100
0
0.001
0.01
100
0.1
1
10
1.0
VS = 15V
TA = 25 C
0.1
10
1k
SINK
SOURCE
TPC 10. Output Voltage to Supply
Rail vs. Load Current
TEMPERATURE – C
500
500
60
40
140
20 0
20
40
60
80 100 120
200
100
200
400
100
300
ISY+ (VSY = 15V)
ISY+ (VSY = 5V)
0
400
ISY (VSY = 5V)
ISY (VSY = 15V)
300
TPC 13. Supply Current vs.
Temperature
FREQUENCY – Hz
100
100k
100M
1k
10k
1M
10M
VSY = 5V
CLOAD = 0
RLOAD =
45
90
135
180
225
270
0
120
100
80
40
20
0
–20
–40
–60
140
60
TPC 16. Open Loop Gain and
Phase Shift vs. Frequency
LOAD CURRENT – mA
10k
100
0
0.001
0.01
100
0.1
1
10
1.0
SOURCE
VS = 5V
TA = 25 C
0.1
10
1k
SINK
TPC 11. Output Voltage to Supply
Rail vs. Load Current
SUPPLY VOLTAGE – V
350
0
0
535
10
15
20
25
30
300
200
150
100
50
250
TA = 25 C
TPC 14. Supply Current vs. Supply
Voltage
60
50
40
40
30
20
10
0
10
20
30
FREQUENCY – Hz
1k
10k
100M
100k
1M
10M
VSY = 15V
CLOAD = 0
RLOAD = 2k
AV = 100
AV = 10
AV = +1
TPC 17. Closed Loop Gain vs.
Frequency
TEMPERATURE – C
6
4
0
60
40
140
20 0
20
40
60
80 100 120
5
1
3
2
VSY = 15V
TPC 12. Input Bias Current vs.
Temperature
FREQUENCY – Hz
120
100
80
40
20
0
–20
–40
–60
140
60
10
100k
100M
100
1k
10k
1M
10M
45
90
135
180
225
270
0
VSY = 15V
CLOAD = 0
RLOAD =
TPC 15. Open Loop Gain and
Phase Shift vs. Frequency
FREQUENCY – Hz
1k
10k
100M
100k
1M
10M
VSY = 5V
CLOAD = 0
RLOAD = 2k
AV = 100
AV = 10
AV = +1
60
50
40
40
30
20
10
0
10
20
30
TPC 18. Closed Loop Gain vs.
Frequency
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com