Electronic Components Datasheet Search
  English  ▼

X  

AD8506 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8506
Description  Precision Micropower Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8506 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8506 Datasheet HTML 8Page - Analog Devices AD8506 Datasheet HTML 9Page - Analog Devices AD8506 Datasheet HTML 10Page - Analog Devices AD8506 Datasheet HTML 11Page - Analog Devices AD8506 Datasheet HTML 12Page - Analog Devices AD8506 Datasheet HTML 13Page - Analog Devices AD8506 Datasheet HTML 14Page - Analog Devices AD8506 Datasheet HTML 15Page - Analog Devices AD8506 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
OP777/OP727/OP747
–16–
REV. D
REVISION HISTORY
10/11—Rev. C to Rev. D
Changed Single Supply Operation from 2.7 V to 30 V to
3.0 V to 30 V...................................................................................... 1
Changed Dual Supply Operation from ±1.35 V to ±15 V to
±1.5 V to ±15 V................................................................................. 1
Changes to General Description Section ...................................... 1
Added Similar Low Power Products Table.................................... 1
Changes to Supply Voltage Section, Input Common-Mode
Voltage Range Section, and Figure 1............................................ 10
Changes to Figure 5........................................................................ 11
Changes to Figure 10 and Figure 11............................................. 12
Updated Outline Dimensions ....................................................... 13
Changes to Ordering Guide .......................................................... 15
9/01—Rev. B to Rev. C
Addition of text to Applications Section ....................................... 1
Addition of 8-Lead SOIC (R-8) Package ....................................... 1
Addition of text to General Description........................................ 1
Addition of package to Ordering Guide........................................ 2
©2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02051-0-10/11(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com