Electronic Components Datasheet Search
  English  ▼

X  

AD8613 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8613
Description  Precision Micropower Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613 Datasheet(HTML) 5 Page - Analog Devices

  AD8613 Datasheet HTML 1Page - Analog Devices AD8613 Datasheet HTML 2Page - Analog Devices AD8613 Datasheet HTML 3Page - Analog Devices AD8613 Datasheet HTML 4Page - Analog Devices AD8613 Datasheet HTML 5Page - Analog Devices AD8613 Datasheet HTML 6Page - Analog Devices AD8613 Datasheet HTML 7Page - Analog Devices AD8613 Datasheet HTML 8Page - Analog Devices AD8613 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV.
–5–
OP777/OP727/OP747
Typical Performance Characteristics–
OFFSET VOLTAGE –
V
220
60
0
100
80 60
40 20
0
20
40
60 80 100
200
80
40
20
160
120
140
100
180
VSY = 15V
VCM = 0V
TA = 25 C
TPC 1. OP777 Input Offset Voltage
Distribution
TCVOS – V/ C
200
100
0
1.0
0.2
0.4
0.6
0.8
180
140
60
40
VSY = 15V
VCM = 0V
TA = –40 C TO +85 C
80
160
120
20
0.1
0.3
0.5
0.7
0.9
1.1 1.2
TPC 4. OP727/OP747 Input Offset
Voltage Drift (TCVOS Distribution)
OFFSET VOLTAGE –
V
300
0
120
80
040
80
400
200
100
600
40
120
140
VSY = 5V
VCM = 2.5V
TA = 25 C
500
TPC 7. OP727 Input Offset Voltage
Distribution
OFFSET VOLTAGE –
V
220
60
0
100
80 60
40 20
0
20
40
60 80 100
200
80
40
20
160
120
140
100
180
VSY = 5V
VCM = 2.5V
TA = 25 C
TPC 2. OP777 Input Offset Voltage
Distribution
V
600
400
0
300
200
VSY = 15V
VCM = 0V
TA = 25 C
500
100
–120
–80
–40
0
40
80
120
TPC 5. OP747 Input Offset Voltage
Distribution
120
140
OFFSET VOLTAGE –
V
300
0
80
040
80
40
120
400
200
100
500
600
VSY = 15V
VCM = 0V
TA = 25 C
TPC 8. OP727 Input Offset Voltage
Distribution
INPUT OFFSET DRIFT –
V/ C
30
15
0
0
1.2
0.2
0.4
0.6
0.8
1.0
25
20
10
5
VSY = 15V
VCM = 0V
TA = 40 C TO +85 C
TPC 3. OP777 Input Offset Voltage
Drift Distribution
OFFSET VOLTAGE –
V
600
300
0
500
400
200
100
VSY = 5V
VCM = 2.5V
TA = 25 C
–120
–80
–40
0
40
80
120
TPC 6. OP747 Input Offset Voltage
Distribution
INPUT BIAS CURRENT – nA
30
15
0
3
8
4
5
6
7
25
20
10
5
VSY = 15V
VCM = 0V
TA = 25 C
TPC 9. Input Bias Current
Distribution
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com