Electronic Components Datasheet Search
  English  ▼

X  

OP777ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP777ARMZ
Description  Precision Micropower Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP777ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP777ARMZ Datasheet HTML 3Page - Analog Devices OP777ARMZ Datasheet HTML 4Page - Analog Devices OP777ARMZ Datasheet HTML 5Page - Analog Devices OP777ARMZ Datasheet HTML 6Page - Analog Devices OP777ARMZ Datasheet HTML 7Page - Analog Devices OP777ARMZ Datasheet HTML 8Page - Analog Devices OP777ARMZ Datasheet HTML 9Page - Analog Devices OP777ARMZ Datasheet HTML 10Page - Analog Devices OP777ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV.
–7–
OP777/OP727/OP747
FREQUENCY – Hz
300
270
0
240
210
180
150
120
90
60
30
100
100k
100M
1k
10k
1M
10M
VSY = 5V
AV = 1
AV = 10
AV = 100
TPC 19. Output Impedance vs.
Frequency
TIME – 100 s/DIV
VSY = 15V
RL = 2k
CL = 300pF
AV = 1
0V
TPC 22. Large Signal Transient
Response
CAPACITANCE – pF
40
35
0
110
1k
100
30
25
5
20
15
10
VSY = 2.5V
RL = 2k
VIN = 100mV
OS
OS
TPC 25. Small Signal Overshoot
vs. Load Capacitance
FREQUENCY – Hz
100
100k
100M
1k
10k
1M
10M
VSY = 15V
AV = 1
AV = 10
AV = 100
300
270
0
240
210
180
150
120
90
60
30
TPC 20. Output Impedance vs.
Frequency
TIME – 10 s/DIV
VSY = 2.5V
CL = 300pF
RL = 2k
VIN = 100mV
AV = 1
TPC 23. Small Signal Transient
Response
CAPACITANCE – pF
35
0
1
10
10k
100
30
25
5
20
15
10
VSY = 15V
RL = 2k
VIN = 100mV
1k
+OS
OS
TPC 26. Small Signal Overshoot
vs. Load Capacitance
TIME – 100 s/DIV
VSY = 2.5V
RL = 2k
CL = 300pF
AV = 1
0V
TPC 21. Large Signal Transient
Response
TIME – 10 s/DIV
VSY = 15V
CL = 300pF
RL = 2k
VIN = 100mV
AV = 1
TPC 24. Small Signal Transient
Response
TIME – 40 s/DIV
INPUT
OUTPUT
VSY = 15V
RL = 10k
AV = 100
VIN = 200mV
+200mV
0V
0V
10V
TPC 27. Negative Overvoltage
Recovery
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com