Electronic Components Datasheet Search
  English  ▼

X  

GTL2010PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # GTL2010PW
Description  10-bit GTL Processor Voltage Clamp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2010PW Datasheet(HTML) 3 Page - NXP Semiconductors

  GTL2010PW Datasheet HTML 1Page - NXP Semiconductors GTL2010PW Datasheet HTML 2Page - NXP Semiconductors GTL2010PW Datasheet HTML 3Page - NXP Semiconductors GTL2010PW Datasheet HTML 4Page - NXP Semiconductors GTL2010PW Datasheet HTML 5Page - NXP Semiconductors GTL2010PW Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
GTL2010
10-bit GTL Processor Voltage Clamp
1999 Apr 05
3
ABSOLUTE MAXIMUM RATINGS1, 2, 3
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VS_REF
DC source reference voltage
–0.5 to +7.0
V
VD_REF
DC drain reference voltage
–0.5 to +7.0
V
VG_REF
DC gate reference voltage
–0.5 to +7.0
V
VSn
DC voltage Port Sn
–0.5 to +7.0
V
VDn
DC voltage Port Dn
–0.5 to +7.0
V
IREFK
DC reference diode current
VI < 0
–50
mA
ISK
DC diode current Port Sn
VI < 0
–50
mA
IDK
DC diode current Port Dn
VI < 0
–50
mA
IMAX
DC clamp current per channel
Channel in ON-state
±35
mA
Tstg
Storage temperature range
–65 to +150
°C
NOTE:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
Min
Max
UNIT
VS_REF
DC source reference voltage
1.0
4.4
V
VD_REF
DC drain reference voltage
VS_REF + 0.6
5
V
VG_REF
DC gate reference voltage
VS_REF + 0.6
5
V
VSn
DC voltage Port Sn (OFF-state)
VS_REF
5
V
VSn
DC voltage Port Sn (ON-state)
0
0.2
V
VDn
DC voltage Port Dn (OFF-state)
VS_REF
5
V
VDn
DC voltage Port Dn (ON-state)
0
0.4
V
IS
Switch input leakage current
(OFF-state) for Sn and Dn I/O
VS , VD = 5V
15
µA
II
GREF input leakage current
VG = 5V
2.5
µA
Tamb
Operating ambient temperature range
In free air
0
+85
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com