Electronic Components Datasheet Search
  English  ▼

X  

ULC05CDQ Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # ULC05CDQ
Description  Transient Voltage Suppressors for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

ULC05CDQ Datasheet(HTML) 2 Page - UN Semiconducctor INC

  ULC05CDQ Datasheet HTML 1Page - UN Semiconducctor INC ULC05CDQ Datasheet HTML 2Page - UN Semiconducctor INC ULC05CDQ Datasheet HTML 3Page - UN Semiconducctor INC ULC05CDQ Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristic Curves
Fig2. Power Rating Derating Curve
Fig4. Insection Loss (S21)
ROHS
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Electrical Characteristics @ 25℃ Unless Otherwise Specified )
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/3
ULC05CDQ
Transient Voltage Suppressors for ESD Protection
Fig3. ESD Pulse Waveform(According to IEC61000-4-2)
Fig1. 8/20μs Pulse Waveform
VRWM
VBR
VF
IR
CJ
VC
Reverse Working Voltage
Reverse Breakdown Voltage
Forward breakdown Voltage
Reverse Leakage Current
Junction capacitance
Positive Clamping Voltage
--
IT=1mA;
IT=10mA
VRWM =5.0V;T=25°C
I/O To GND;VR =0V,f=1MHz;
I/O To I/O;VR =0V,f=1MHz;
IPP =1.0 A, TP =8/20μs;
IPP =4.0A, TP =8/20μs;
--
6.0
0.4
--
--
--
--
--
--
--
--
--
--
--
--
--
5.0
--
1.2
1
0.65
0.4
12.0
25.0
V
V
V
μA
pF
pF
V
V
Characteristics
Symbol
Test Conditions
Typ.
Max.
Unit
Min.
0
5
10
15
20
25 30
120
tr
100
80
60
40
Peak Value IPP
20
0
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8μs
td=20μs
t - Time (μs)
0
25
50
75
100
125
150
110
100
40
30
20
10
0
90
80
70
60
50
Ambient Temperature – TA (ºC)
100%
90%
10%
tr
30ns
=
Time
60ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com