Electronic Components Datasheet Search
  English  ▼

X  

29311 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 29311
Description  MACHINE SCREW PAN PHILLIPS 10-32
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

29311 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  29311 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
MACHINE SCREWS
SELF TAPPING SCREWS
STAINLESS STEEL PAN HEAD SCREWS
Phillips drive pan head machine screws.
PAN HEAD METRIC
STEEL
NYLON 6/6
CAT. NO.
L
CAT. NO.
29300
4.00
29330
29301
6.00
29331
29304 12.00
29334
29306 16.00
29336
29311
6.00
29341
29314 12.00
29344
29316 16.00
29346
29318 25.00
29348
29321
6.00
29351
29324 12.00
29354
29326 16.00
29356
29328 25.00
29358
THREAD
L
MATERIAL: Stainless Steel
CAT.
L
NO.
LENGTH
THREAD
9900
.250 (6.4)
9901
.375 (9.5)
4-40
9902
.500 (12.7)
9903
.250 (6.4)
9904
.375 (9.5)
6-32
9905
.500 (12.7)
9906
.375 (9.5)
9907
.500 (12.7)
8-32
9908
.750 (19.1)
9909
.375 (9.5)
9910
.500 (12.7)
10-32
9911
.750 (19.1)
THREAD
L
THREAD
L
THREAD
L
Binding Head
Flat Head
Pan Head
Highly versatile screw, used in wood, fiberglass and
metal where machine thread inserts are not furnished.
THREAD LENGTH CAT. NO.
No. 4
.375 (9.5)
9575
.375 (9.5)
9576
No. 6
.500 (12.7)
9577
.375 (9.5)
9578
No. 8
.500 (12.7)
9579
.375 (9.5)
9580
No. 10
.500 (12.7)
9581
THREAD
L
• Slotted drive, hex head
MATERIAL: Steel, Zinc Plate (Non-RoHS Compliant)
Note: RoHS Compliant finishes available on special order
BINDING HEAD
FLAT HEAD
PAN HEAD
STEEL
NYLON
STEEL
NYLON
STEEL
NYLON
THREAD
LENGTH
CAT. NO.
CAT. NO.
CAT. NO.
CAT. NO.
CAT. NO.
CAT. NO.
.250 (6.4)
9455
—
9555
—
9355
—
2-56
.500 (12.7)
9456
—
9556
—
9356
—
.750 (19.1)
9457
—
9557
—
9357
—
.250 (6.4)
9400
9427
9500
9527
9300
9327
.375 (9.5)
9401
9428
9501
9528
9301
9328
4-40
.500 (12.7)
9402
9429
9502
9529
9302
9329
.625 (15.9)
9403
9430
9503
9530
9303
9330
.750 (19.1)
9404
9431
9504
9531
9304
9331
1.000 (25.4)
9405
9432
9505
9532
9305
9332
.187 (4.7)
9406
9433
9506
9533
9306
9333
.250 (6.4)
9407
9434
9507
9534
9307
9334
.375 (9.5)
9408
9435
9508
9535
9308
9335
.500 (12.7)
9409
9436
9509
9536
9309
9336
6-32
.625 (15.9)
9410
9437
9510
9537
9310
9337
.750 (19.1)
9411
9438
9511
9538
9311
9338
1.000 (25.4)
9412
9439
9512
9539
9312
9339
1.250 (31.8)
9413
9440
9513
9540
9313
9340
2.000 (50.8)
9414
9441
9514
9541
9314
9341
.250 (6.4)
9416
9443
9516
9543
9316
9343
.375 (9.5)
9417
9444
9517
9544
9317
9344
.500 (12.7)
9418
9445
9518
9545
9318
9345
8-32
.625 (15.9)
9419
9446
9519
9546
9319
9346
.750 (19.1)
9420
9447
9520
9547
9320
9347
1.000 (25.4)
9421
9448
9521
9548
9321
9348
1.250 (31.8)
9422
9449
9522
9549
9322
9349
.500 (12.7)
9423
9450
9523
9550
9323
9350
10-32
.750 (19.1)
9424
9451
9524
9551
9324
9351
1.000 (25.4)
9425
9452
9525
9552
9325
9352
1.500 (38.1)
9426
9453
9526
9553
9326
9353
BINDING HEAD SCREWS – COLORED HEAD
Ideal for quick identification of screw terminal. Reduces errors in wiring of cables.
See pages 62-65 for screw terminals with colored screws installed. Only head is
painted, provides reliable electrical contact to terminal.
THREAD
MATERIAL: Brass, Nickel Plate
with Painted Color Head
135
M2.5 THREAD
M3 THREAD
M4 THREAD
Choice of: Steel, Zinc Plate • Nylon: 6/6, UL Rated 94V-2
MATERIAL: Nylon 6/6 UL Rated 94V-2
Steel, Zinc Plate
METRIC
STEEL
NYLON
CAT. NO.
CAT. NO.
HEX
THREAD
4707
4687
5.00 mm
M2.5
4708
4688
5.50 mm
M3
4709
4689
7.00 mm
M4
HEX MACHINE NUTS
THREAD
HEX
IMPERIAL
STEEL
NYLON
CAT. NO.
CAT. NO.
HEX
THREAD
4694
—
187 (4.7)
9600
9605
.250 (6.4)
4-40
4701
—
.250 (6.4)
6-32
9602
9606
.312 (7.9)
9603
—
.250 (6.4)
8-32
9604
9607
312 (7.9)
4705
9608
.375 (9.5)
10-32
4713
—
.430 (10.9)
.250-28
4716
—
.500 (12.7)
.312-24
M4 ×
M3 ×
6-32 ×
6.3mm L
6mm L
.250 (6.3) L
CAT. NO.
CAT. NO.
HEAD COLOR
CAT. NO.
7799-1
7689-1
NICKEL
8190-1
9192-2
9191-2
RED
9190-2
9192-3
9191-3
BLACK
9190-3
9192-4
9191-4
WHITE
9190-4
9192-5
9191-5
BLUE
9190-5
9192-6
9191-6
GREEN
9190-6
9192-7
9191-7
YELLOW
9190-7


Similar Part No. - 29311

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
2931-150 ADPOW-2931-150 Datasheet
95Kb / 4P
150 Watts, 38 Volts, 50us, 4% Radar 2900-3100 MHz
logo
Cornell Dubilier Electr...
293100B472JO0 CDE-293100B472JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
293100B502JO0 CDE-293100B502JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
293100B512JO0 CDE-293100B512JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
293100B562JO0 CDE-293100B562JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
More results

Similar Description - 29311

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS04050006081FA ETC2-MS04050006081FA Datasheet
704Kb / 1P
pozidriv cross recessed pan head machine screws
561-P440375 ETC2-561-P440375 Datasheet
176Kb / 2P
Slotted Pan Machine Screws
logo
PHOENIX CONTACT
SF-PH-3-150 PHOENIX-SF-PH-3-150 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-1-80-S-VDE PHOENIX-SF-PH-1-80-S-VDE Datasheet
60Kb / 2P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZSL-2-100-S-VDE PHOENIX-SF-PZSL-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
logo
Keystone Electronics Co...
29314 KEYSTONE-29314 Datasheet
200Kb / 1P
M3 PAN HEAD SCREW
29300 KEYSTONE-29300 Datasheet
174Kb / 1P
2.5M PAN HEAD SCREW
11.24.09
29341 KEYSTONE-29341 Datasheet
196Kb / 1P
M3 PAN HEAD SCREW
10.12.06
9333 KEYSTONE-9333 Datasheet
255Kb / 1P
6-32 PAN HEAD SCREW
9900-9911 KEYSTONE-9900-9911 Datasheet
270Kb / 1P
PHILIPS PAN HEAD SCREW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com