Electronic Components Datasheet Search
  English  ▼

X  

CEB703AL Datasheet(PDF) 1 Page - Chino-Excel Technology

Part # CEB703AL
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEB703AL Datasheet(HTML) 1 Page - Chino-Excel Technology

  CEB703AL Datasheet HTML 1Page - Chino-Excel Technology CEB703AL Datasheet HTML 2Page - Chino-Excel Technology CEB703AL Datasheet HTML 3Page - Chino-Excel Technology CEB703AL Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
N-Channel Enhancement Mode Field Effect Transistor
CEP703AL/CEB703AL
FEATURES
30V, 40A,RDS(ON) = 17mΩ @VGS = 10V.
RDS(ON) = 30mΩ @VGS = 4.5V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
TO-220 & TO-263 package.
ABSOLUTE MAXIMUM RATINGS Tc = 25 C unless otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Continuous
Drain Current-Pulsed a
Maximum Power Dissipation @ TC = 25 C
- Derate above 25 C
VDS
VGS
ID
PD
IDM
30
0.4
50
120
40
±20
V
W
A
A
V
W/ C
1
S
G
D
G
S
S
D
D
G
CEB SERIES
TO-263(DD-PAK)
CEP SERIES
TO-220
Lead free product is acquired.
http://www.cetsemi.com
Details are subject to change without notice .
Rev 2.
2006.Dec
Operating and Store Temperature Range
TJ,Tstg
-65 to 175
C
Thermal Characteristics
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
Parameter
Symbol
Limit
Units
C/W
C/W
62.5
3
RθJC
RθJA


Similar Part No. - CEB703AL

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEB703AL CET-CEB703AL Datasheet
516Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
CEB703ALS2 CET-CEB703ALS2 Datasheet
528Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - CEB703AL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com