Electronic Components Datasheet Search
  English  ▼

X  

CL1226 Datasheet(PDF) 2 Page - CHIPLINK SEMICONDUCTOR

Part # CL1226
Description  Primary side control high precision constant current controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPLINK [CHIPLINK SEMICONDUCTOR]
Direct Link  http://www.chiplink-semi.com
Logo CHIPLINK - CHIPLINK SEMICONDUCTOR

CL1226 Datasheet(HTML) 2 Page - CHIPLINK SEMICONDUCTOR

  CL1226 Datasheet HTML 1Page - CHIPLINK SEMICONDUCTOR CL1226 Datasheet HTML 2Page - CHIPLINK SEMICONDUCTOR CL1226 Datasheet HTML 3Page - CHIPLINK SEMICONDUCTOR CL1226 Datasheet HTML 4Page - CHIPLINK SEMICONDUCTOR CL1226 Datasheet HTML 5Page - CHIPLINK SEMICONDUCTOR CL1226 Datasheet HTML 6Page - CHIPLINK SEMICONDUCTOR CL1226 Datasheet HTML 7Page - CHIPLINK SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.chiplink-semi.com
2
CL1226_CN
SEMICONDUCTOR
CL1226
2013-5-22
封装耗散等级
封装
RθJA (/W)
℃
DIP8
200
最大额定值
(注释)
参数
范围
电流采样电压
-0.3 到 6V
VDD引脚最大输入电流
5mA
内部高压功率管源极电压
-0.3 to 18V
内部高压功率管漏极到源极峰
值电压
-0.3 to 650V
功耗
0.45W
PN结到环境的热阻
145℃/W
最低
/最高存储温度Tstg
-55 to 150 ℃
工作结温范围
-40 to 150 ℃
注
1: 超出“绝对最大额定值”可能损毁器件。推荐工作范围内器件可以工作,但不保证其特性。长时
间运行在绝对最大额定条件下可能会影响器件的可靠性。
推荐工作范围
符号
参数
参数范围
单位
POUT 1 输出功率(输入电压230V±15%) < 12
W
POUT 2
输出功率
(输入电压85V~265V)
< 10
W
FOP
系统工作频率
65~70
KHZ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com