Electronic Components Datasheet Search
  English  ▼

X  

CL1502 Datasheet(PDF) 8 Page - CHIPLINK SEMICONDUCTOR

Part # CL1502
Description  Non-isolated step-down LED constant current driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPLINK [CHIPLINK SEMICONDUCTOR]
Direct Link  http://www.chiplink-semi.com
Logo CHIPLINK - CHIPLINK SEMICONDUCTOR

CL1502 Datasheet(HTML) 8 Page - CHIPLINK SEMICONDUCTOR

  CL1502 Datasheet HTML 1Page - CHIPLINK SEMICONDUCTOR CL1502 Datasheet HTML 2Page - CHIPLINK SEMICONDUCTOR CL1502 Datasheet HTML 3Page - CHIPLINK SEMICONDUCTOR CL1502 Datasheet HTML 4Page - CHIPLINK SEMICONDUCTOR CL1502 Datasheet HTML 5Page - CHIPLINK SEMICONDUCTOR CL1502 Datasheet HTML 6Page - CHIPLINK SEMICONDUCTOR CL1502 Datasheet HTML 7Page - CHIPLINK SEMICONDUCTOR CL1502 Datasheet HTML 8Page - CHIPLINK SEMICONDUCTOR CL1502 Datasheet HTML 9Page - CHIPLINK SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.chiplink-tech.com
8
SEMICONDUCTOR
CL1502
CL1502_CN Rev. 1.0
封装说明:
SOP8
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
E
3.800
4.000
1.50
0.157
E1
5.800
6.200
0.228
0.244
e
1.270(BSC)
0.050(BSC)
L
0.400
1.270
0.016
0.050
θ
0 °
8 °
0 °
8 °



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com