Electronic Components Datasheet Search
  English  ▼

X  

CL1503 Datasheet(PDF) 4 Page - CHIPLINK SEMICONDUCTOR

Part # CL1503
Description  Non-isolated step-down LED constant current driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPLINK [CHIPLINK SEMICONDUCTOR]
Direct Link  http://www.chiplink-semi.com
Logo CHIPLINK - CHIPLINK SEMICONDUCTOR

CL1503 Datasheet(HTML) 4 Page - CHIPLINK SEMICONDUCTOR

  CL1503 Datasheet HTML 1Page - CHIPLINK SEMICONDUCTOR CL1503 Datasheet HTML 2Page - CHIPLINK SEMICONDUCTOR CL1503 Datasheet HTML 3Page - CHIPLINK SEMICONDUCTOR CL1503 Datasheet HTML 4Page - CHIPLINK SEMICONDUCTOR CL1503 Datasheet HTML 5Page - CHIPLINK SEMICONDUCTOR CL1503 Datasheet HTML 6Page - CHIPLINK SEMICONDUCTOR CL1503 Datasheet HTML 7Page - CHIPLINK SEMICONDUCTOR CL1503 Datasheet HTML 8Page - CHIPLINK SEMICONDUCTOR CL1503 Datasheet HTML 9Page - CHIPLINK SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.chiplink-tech.com
4
SEMICONDUCTOR
CL1503
CL1503_CN Rev. 1.3
最大额定值
(注)
参数
范围
VDD电源端
-0.3 V to VDDCLAMP
CS电流采样电压
-0.3 V to 6 V
ROVP端口电压
-0.3 V to 8 V
DRAIN端口电压
-0.3 V to 500 V
PN结到环境的热阻
140
/W
℃
工作结温范围
-40
to 150
℃℃
最低
/最高存储温度
-55
to 150
℃℃
封装耗散等级
封装
RθJA (/W)
℃
DIP8
140
注:超出“最大额定值”可能损毁器件。推荐工作范围内器件可以工作,但不保证其特性。运行在最大额定条件下
长时间可能会影响器件的可靠性。
推荐工作范围
符号
参数
参数范围
单
位
ILED_1
LED输出电流@Vout=150V
(输入电压
175V~265V,环境温度80℃)
<240
mA
ILED_2
LED输出电流@Vout=72V
(输入电压
175V~265V,环境温度80℃)
<320
mA
ILED_3
LED输出电流@Vout=36V
(输入电压
175V~265V,环境温度80℃)
<360
mA
VLED_MIN 最低LED负载电压
>15
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com