Electronic Components Datasheet Search
  English  ▼

X  

RL-1212D Datasheet(PDF) 1 Page - Recom International Power

Part # RL-1212D
Description  0.25 Watt SIP4 & DIP8 Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RL-1212D Datasheet(HTML) 1 Page - Recom International Power

  RL-1212D Datasheet HTML 1Page - Recom International Power RL-1212D Datasheet HTML 2Page - Recom International Power RL-1212D Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8
www.recom-international.com
July-2006
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 4
DIP8
(2kV)
(VDC)
(VDC)
(mA)
(%)
RM-xx1.8S
RL-xx1.8S (H)
1.8, 3.3, 5, 9, 12, 15, 24
1.8
139
70
RM-xx3.3S
RL-xx3.3S (H)
1.8, 3.3, 5, 9, 12, 15, 24
3.3
76
65-70
RM-xx05S
RL-xx05S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
5
50
66-72
RM-xx09S
RL-xx09S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
9
28
70-72
RM-xx12S
RL-xx12S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
12
21
70-72
RM-xx15S
RL-xx15S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
15
17
70-76
RM-xx24S
RL-xx24S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
24
10
70-80
xx = Input Voltage
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RM-051.8S/P, RM-051.8S/HP
0.25 Watt
SIP4 & DIP8
Single Output
ECONOLINE
DC/DC-Converter
RM & RL
Series
● Single Output Rail
● Industry Standard Pinout
● 1kVDC & 2kVDC Isolation
● High Efficiency for Low Power Applications
● UL94V-0 Package Material
● Optional Continuous Short Circuit Protected
● Fully Encapsulated
● Efficiency to 80%
Features
Unregulated
Converters
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
1.8V, 3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
50mVp-p max.
Operating Frequency
50kHz min. / 90kHz typ. / 105kHz max.
Efficiency at Full Load
65% min. / 75% typ.
No Load Power Consumption
45mW min. / 75mW typ. / 155mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H-Suffix
(tested for 1 second)
2000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes
Isolation Capacitance
25pF min. / 82pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
RM types
1.4g
RL types
1.8g
MTBF (+25°C)
using MIL-HDBK 217F
1327 x 10
3 hours
(+85°C)
using MIL-HDBK 217F
302 x 10
3 hours
Selection Guide
Specifications (Core Operating Area)
}DetailedInformationsee
Application Notes chapter "MTBF"
Derating-Graph
(Ambient Temperature)
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
EN-60950-1 Certified


Similar Part No. - RL-1212D

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
RL-1220-4 CYNTEC-RL-1220-4 Datasheet
913Kb / 8P
RL-1220-4 Series Current Sensor Resistor (Lead / Halogen Free)
RL-1220-4S CYNTEC-RL-1220-4S Datasheet
942Kb / 8P
RL-1220-4S Series Current Sensor Resistor (Lead / Halogen Free)
logo
RENCO ELECTRONICS, INC.
RL-1233 RENCO-RL-1233 Datasheet
339Kb / 2P
AIR CORE INDUCTORS BOBBIN WOUND
RL-1233-0.56 RENCO-RL-1233-0.56 Datasheet
339Kb / 2P
AIR CORE INDUCTORS BOBBIN WOUND
RL-1233-0.68 RENCO-RL-1233-0.68 Datasheet
339Kb / 2P
AIR CORE INDUCTORS BOBBIN WOUND
More results

Similar Description - RL-1212D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RM-1.81.8S RECOM-RM-1.81.8S Datasheet
101Kb / 3P
0.25 Watt SIP4 & DIP8 Single Output
RI-053.3S RECOM-RI-053.3S Datasheet
93Kb / 3P
2 Watt SIP4 Single Output
RN-3.33.3S RECOM-RN-3.33.3S_06 Datasheet
89Kb / 3P
1.25 Watt DIP8 Single Output
RM RECOM-RM_10 Datasheet
81Kb / 2P
0.25 Watt SIP4 Single Output
RO RECOM-RO_10 Datasheet
97Kb / 2P
1 Watt SIP4 Single Output
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
0.25 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
1 Watt SIP4 Single Output
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
1 Watt SIP4 Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com