Electronic Components Datasheet Search
  English  ▼

X  

FS150R17N3E4 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # FS150R17N3E4
Description  IGBT Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FS150R17N3E4 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  FS150R17N3E4 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FS150R17N3E4 Datasheet HTML 2Page - Inchange Semiconductor Company Limited FS150R17N3E4 Datasheet HTML 3Page - Inchange Semiconductor Company Limited FS150R17N3E4 Datasheet HTML 4Page - Inchange Semiconductor Company Limited FS150R17N3E4 Datasheet HTML 5Page - Inchange Semiconductor Company Limited FS150R17N3E4 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ISGM2016
eq FS150R17N3E4
IGBT Module
www.iscsemi.com
4
Erec
Reverse Recovery energy
TJ=25℃
--
22
--
mJ
TJ=125℃
--
35
--
TJ=150℃
--
39
--
Rth( j-c)
Thermal Resistance,Junction to Case, per Diode
--
--
0.34
℃
/W
Rth(c-h)
Thermal Resistance,Case to heatsink , per Diode
--
0.155
--
℃
/W
Module
SYMBOL
PARAMETER
CONDITIONS
Value
UNIT
VISOL
Isolation test voltage
RMS,f = 50Hz,t = 1 min.
3.4
KV
Tstg
Storage temperature
--
-40-125
℃
--
Internal isolation
Basic insulation(Class 1,IEC61140)
Al2O3
--
--
Creepage distance
Terminal to heatsink
10
mm
Terminal to terminal
--
Clearance
Terminal to heatsink
7.5
mm
Terminal to terminal
CTI
Comparative Tracking Index
TC=25℃
>200
LsCE
Stray Inductance Module
--
28
nH
RCC’+EE’
Module lead
resistance ,terminal-chip
Per switch
1.8
m
Ω
M
Mounting torque for module
mounting
Screw M5
3.0-6.0
Nm
G
Weight
TYP
300
g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com