Electronic Components Datasheet Search
  English  ▼

X  

1198 Datasheet(PDF) 13 Page - Texas Instruments

Part # 1198
Description  Single Chip Low Cost Low Power RF-Transmitter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1198 Datasheet(HTML) 13 Page - Texas Instruments

Back Button 1198 Datasheet HTML 9Page - Texas Instruments 1198 Datasheet HTML 10Page - Texas Instruments 1198 Datasheet HTML 11Page - Texas Instruments 1198 Datasheet HTML 12Page - Texas Instruments 1198 Datasheet HTML 13Page - Texas Instruments 1198 Datasheet HTML 14Page - Texas Instruments 1198 Datasheet HTML 15Page - Texas Instruments 1198 Datasheet HTML 16Page - Texas Instruments 1198 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
CC1150
Preliminary Data Sheet (rev. 1.0.)
SWRS037
Page 13 of 49
16 Configuration Software
CC1150 can be configured using the SmartRF
Studio software, available for download from
http://www.chipcon.com. The SmartRFStudio
software is highly recommended for obtaining
optimum register settings, and for evaluating
performance and functionality. A screenshot of
the SmartRFStudio user interface for CC1150
is
shown
in
Figure
5.
Figure 5: SmartRFStudio user interface
17 4-wire Serial Configuration and Data Interface
CC1150 is configured via a simple 4-wire SPI-
compatible interface (SI, SO, SCLK and CSn)
where CC1150 is the slave. This interface is
also used to read and write buffered data. All
address and data transfer on the SPI interface
is done most significant bit first.
All transactions on the SPI interface start with
a header byte containing a read/write bit, a
burst access bit and a 6-bit address.
During address and data transfer, the CSn pin
(Chip Select, active low) must be kept low. If
CSn
goes high during the access, the transfer
will be cancelled.
When CSn goes low, the MCU must wait until
the CC1150 SO pin goes low before starting to
transfer the header byte. This indicates that
the voltage regulator has stabilized and the
crystal is running. Unless the chip was in the
SLEEP or XOFF states, the SO pin will always
go low immediately after taking CSn low.
17.1 Chip Status Byte
When the header byte is sent on the SPI
interface, the chip status byte is sent by the
CC1150 on the SO pin. The status byte contains
key status signals, useful for the MCU. The
first bit, s7, is the CHIP_RDYn signal; this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com