Electronic Components Datasheet Search
  English  ▼

X  

LM324 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM324
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM324 Datasheet(HTML) 2 Page - Texas Instruments

  LM324 Datasheet HTML 1Page - Texas Instruments LM324 Datasheet HTML 2Page - Texas Instruments LM324 Datasheet HTML 3Page - Texas Instruments LM324 Datasheet HTML 4Page - Texas Instruments LM324 Datasheet HTML 5Page - Texas Instruments LM324 Datasheet HTML 6Page - Texas Instruments LM324 Datasheet HTML 7Page - Texas Instruments LM324 Datasheet HTML 8Page - Texas Instruments LM324 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V,
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066R − SEPTEMBER 1975 − REVISED JANUARY 2005
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION
TA
VIOmax
AT 25
°C
MAX
TESTED
VCC
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
LM324N
LM324N
PDIP (N)
Tube of 25
LM324KN
LM324KN
Tube of 50
LM324D
LM324
SOIC (D)
Reel of 2500
LM324DR
LM324
SOIC (D)
Tube of 50
LM324KD
LM324K
Reel of 2500
LM324KDR
LM324K
7 mV
30 V
Reel of 2000
LM324NSR
LM324
7 mV
30 V
SOP (NS)
Tube of 50
LM324KNS
LM324K
SOP (NS)
Reel of 2000
LM324KNSR
LM324K
Tube of 90
LM324PW
L324
TSSOP (PW)
Reel of 2000
LM324PWR
L324
TSSOP (PW)
Tube of 90
LM324KPW
L324K
Reel of 2000
LM324KPWR
L324K
0
°C to 70°C
PDIP (N)
Tube of 25
LM324AN
LM324AN
0 C to 70 C
PDIP (N)
Tube of 25
LM324KAN
LM324KAN
Tube of 50
LM324AD
LM324A
SOIC (D)
Reel of 2500
LM324ADR
LM324A
SOIC (D)
Tube of 50
LM324KAD
LM324KA
Reel of 2500
LM324KADR
LM324KA
3 mV
30 V
Reel of 2000
LM324ANSR
LM324A
3 mV
30 V
SOP (NS)
Tube of 50
LM324KANS
LM324KA
SOP (NS)
Reel of 2000
LM324KANSR
LM324KA
SSOP (DB)
Reel of 2000
LM324ADBR
LM324A
Tube of 90
LM324APW
L324A
TSSOP (PW)
Reel of 2000
LM324APWR
L324A
TSSOP (PW)
Tube of 90
LM324KAPW
L324KA
Reel of 2000
LM324KAPWR
L324KA
PDIP (N)
Tube of 25
LM224N
LM224N
PDIP (N)
Tube of 25
LM224KN
LM224KN
5 mV
30 V
Tube of 50
LM224D
LM224
5 mV
30 V
SOIC (D)
Reel of 2500
LM224DR
LM224
SOIC (D)
Tube of 50
LM224KD
LM224K
−25
°C to 85°C
Reel of 2500
LM224KDR
LM224K
−25
°C to 85°C
PDIP (N)
Tube of 25
LM224AN
LM224AN
PDIP (N)
Tube of 25
LM224KAN
LM224KAN
3 mV
30 V
Tube of 50
LM224AD
LM224A
3 mV
30 V
SOIC (D)
Reel of 2500
LM224ADR
LM224A
SOIC (D)
Tube of 50
LM224KAD
LM224KA
Reel of 2500
LM224KADR
LM224KA
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com