Electronic Components Datasheet Search
  English  ▼

X  

SC1933C Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # SC1933C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1933C Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button SC1933C Datasheet HTML 19Page - Power Integrations, Inc. SC1933C Datasheet HTML 20Page - Power Integrations, Inc. SC1933C Datasheet HTML 21Page - Power Integrations, Inc. SC1933C Datasheet HTML 22Page - Power Integrations, Inc. SC1933C Datasheet HTML 23Page - Power Integrations, Inc. SC1933C Datasheet HTML 24Page - Power Integrations, Inc. SC1933C Datasheet HTML 25Page - Power Integrations, Inc. SC1933C Datasheet HTML 26Page - Power Integrations, Inc. SC1933C Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Rev. C 11/18
23
SC1933C/SC1936C
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V
T
J = -40 °C to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Synchronous Rectifier @ T
J = 25 °C
SR Pin Drive Voltage
V
SR
4.2
4.4
4.6
V
SR Pin Voltage
Threshold
V
SR(TH)
0
mV
SR Pin Pull-Up Current
I
SR(PU)
T
J = 25 °C
C
LOAD = 2 nF, fSW = 100 kHz
135
165
195
mA
SR Pin Pull-Down
Current
I
SR(PD)
T
J = 25 °C
C
LOAD = 2 nF, fSW = 100 kHz
87
97
107
mA
Rise Time
t
R
T
J = 25 °C
C
LOAD = 2 nF
See Note B
10-90%
50
ns
Fall Time
t
F
T
J = 25 °C
C
LOAD = 2 nF
See Note B
10-90%
80
ns
Output Pull-Up
Resistance
R
PU
T
J = 25 °C
V
BPS = 4.4 V
I
SR = 10 mA
7.2
8.3
9.4
Ω
Output Pull-Down
Resistance
R
PD
T
J = 25 °C
V
BPS = 4.4 V
I
SR = 10 mA
10.8
12.1
13.4
Ω
Notes:
A. This parameter is derived from characterization.
B. This parameter is guaranteed by design.
C. See Absolute Maximum Rating “DRAIN Pin Voltage6” for detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com