Electronic Components Datasheet Search
  English  ▼

X  

SD06 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SD06
Description  960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SD06 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SD06 Datasheet HTML 4Page - SG Micro Corp SD06 Datasheet HTML 5Page - SG Micro Corp SD06 Datasheet HTML 6Page - SG Micro Corp SD06 Datasheet HTML 7Page - SG Micro Corp SD06 Datasheet HTML 8Page - SG Micro Corp SD06 Datasheet HTML 9Page - SG Micro Corp SD06 Datasheet HTML 10Page - SG Micro Corp SD06 Datasheet HTML 11Page - SG Micro Corp SD06 Datasheet HTML 12Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
960μA, 6MHz, Rail-to-Rail I/O
SD06
CMOS Operational Amplifier
SG Micro Corp
www.sg-micro.com
8
APPLICATION NOTES
Driving Capacitive Loads
The SD06 can directly drive 1000pF in unity-gain
without oscillation. The unity-gain follower (buffer) is the
most sensitive configuration to capacitive loading.
Direct capacitive loading reduces the phase margin of
amplifiers and this results in ringing or even oscillation.
Applications that require greater capacitive driving
capability should use an isolation resistor between the
output and the capacitive load like the circuit in Figure 1.
The isolation resistor RISO and the load capacitor CL
form a zero to increase stability. The bigger the RISO
resistor value, the more stable VOUT will be. Note that
this method results in a loss of gain accuracy because
RISO forms a voltage divider with the RLOAD.
VIN
VOUT
CL
RISO
SD06
1 2
Figure 1. Indirectly Driving Heavy Capacitive Load
An improved circuit is shown in Figure 2. It provides DC
accuracy as well as AC stability. RF provides the DC
accuracy by connecting the inverting input with the
output. CF and RISO serve to counteract the loss of
phase margin by feeding the high frequency
component of the output signal back to the amplifier’s
inverting input, thereby preserving phase margin in the
overall feedback loop.
VIN
VOUT
CL
RISO
RL
RF
CF
SD06
1 2
Figure 2. Indirectly Driving Heavy Capacitive Load with
DC Accuracy
For non-buffer configuration, there are two other ways
to increase the phase margin: (a) by increasing the
amplifier’s closed-loop gain or (b) by placing a
capacitor in parallel with the feedback resistor to
counteract the parasitic capacitance associated with
inverting node.
Power-Supply Bypassing and Layout
The SD06 operates from either a single +2V to +5.5V
supply or dual ±1V to ±2.75V supplies. For
single-supply operation, bypass the power supply +VS
with a 0.1µF ceramic capacitor which should be placed
close to the +VS pin. For dual-supply operation, both
the +VS and the -VS supplies should be bypassed to
ground with separate 0.1µF ceramic capacitors. 2.2µF
tantalum
capacitor
can
be
added
for
better
performance.
Good
PC
board
layout
techniques
optimize
performance by decreasing the amount of stray
capacitance at the op amp’s inputs and output. To
decrease stray capacitance, minimize trace lengths and
widths by placing external components as close to the
device as possible. Use surface-mount components
whenever possible.
For the operational amplifier, soldering the part to the
board directly is strongly recommended. Try to keep the
high frequency current loop area small to minimize the
EMI (electromagnetic interfacing).
+VS
Vn
Vp
-VS
VOUT
10µF
0.1µF
10µF
0.1µF
Vn
Vp
+VS
-VS (GND)
VOUT
10µF
0.1µF
SD06
1 2
SD06
1 2
Figure 3. Amplifier with Bypass Capacitors
Grounding
A ground plane layer is important for SD06 circuit
design. The length of the current path in an inductive
ground return will create an unwanted voltage noise.
Broad ground plane areas will reduce the parasitic
inductance.
Input-to-Output Coupling
To minimize capacitive coupling, the input and output
signal traces should not be in parallel. This helps reduce
unwanted positive feedback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com