Electronic Components Datasheet Search
  English  ▼

X  

AD557 Datasheet(PDF) 1 Page - Analog Devices

Part # AD557
Description  a DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD557 Datasheet(HTML) 1 Page - Analog Devices

  AD557 Datasheet HTML 1Page - Analog Devices AD557 Datasheet HTML 2Page - Analog Devices AD557 Datasheet HTML 3Page - Analog Devices AD557 Datasheet HTML 4Page - Analog Devices AD557 Datasheet HTML 5Page - Analog Devices AD557 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
DACPORT Low Cost, Complete
P-Compatible 8-Bit DAC
AD557*
FEATURES
Complete 8-Bit DAC
Voltage Output—0 V to 2.56 V
Internal Precision Band-Gap Reference
Single-Supply Operation: 5 V ( 10%)
Full Microprocessor Interface
Fast: 1
s Voltage Settling to
1/2 LSB
Low Power: 75 mW
No User Trims Required
Guaranteed Monotonic Over Temperature
All Errors Specified TMIN to TMAX
Small 16-Lead DIP or 20-Lead PLCC Package
Low Cost
PRODUCT DESCRIPTION
The AD557 DACPORT
® is a complete voltage-output 8-bit
digital-to-analog converter, including output amplifier, full
microprocessor interface and precision voltage reference on a
single monolithic chip. No external components or trims are
required to interface, with full accuracy, an 8-bit data bus to an
analog system.
The low cost and versatility of the AD557 DACPORT are the
result of continued development in monolithic bipolar technologies.
The complete microprocessor interface and control logic is
implemented with integrated injection logic (I
2L), an extremely
dense and low-power logic structure that is process-compatible
with linear bipolar fabrication. The internal precision voltage
reference is the patented low-voltage band-gap circuit which
permits full-accuracy performance on a single 5 V power supply.
Thin-film silicon-chromium resistors provide the stability required
for guaranteed monotonic operation over the entire operating
temperature range, while laser-wafer trimming of these thin-film
resistors permits absolute calibration at the factory to within
± 2.5 LSB; thus, no user-trims for gain or offset are required. A
new circuit design provides voltage settling to
±1/2 LSB for a
full-scale step in 800 ns.
The AD557 is available in two package configurations. The
AD557JN is packaged in a 16-lead plastic, 0.3"-wide DIP. For
surface mount applications, the AD557JP is packaged in a
20-lead JEDEC-standard PLCC. Both versions are specified
over the operating temperature range of 0
°C to 70°C.
DACPORT is a registered trademark of Analog Devices, Inc.
*Covered by U.S. Patent Nos. 3,887,863; 3,685,045; 4,323,795; other
patents pending.
PRODUCT HIGHLIGHTS
1. The 8-bit I
2L input register and fully microprocessor-
compatible control logic allow the AD557 to be directly
connected to 8- or 16-bit data buses and operated with stan-
dard control signals. The latch may be disabled for direct
DAC interfacing.
2. The laser-trimmed on-chip SiCr thin-film resistors are
calibrated for absolute accuracy and linearity at the factory.
Therefore, no user trims are necessary for full rated accuracy
over the operating temperature range.
3. The inclusion of a precision low-voltage band-gap reference
eliminates the need to specify and apply a separate reference
source.
4. The AD557 is designed and specified to operate from a
single 4.5 V to 5.5 V power supply.
5. Low digital input currents, 100
µA max, minimize bus loading.
Input thresholds are TTL/low voltage CMOS compatible.
6. The single-chip, low power I
2L design of the AD557 is inher-
ently more reliable than hybrid multichip or conventional
single-chip bipolar designs.
FUNCTIONAL BLOCK DIAGRAM
BIT1
(MSB)
BIT8
(LSB)
GND
CS CE
CONTROL
INPUTS
DIGITAL INPUT DATA (BUS)
+V
CC
l2L
CONTROL
LOGIC
l2L LATCHES
8-BIT VOLTAGE-SWITCHING
D-TO-A CONVERTER
MSB
LSB
OUTPUT
AMP
CONTROL
AMP
BAND-GAP
REFERENCE
GND
VOUT
VOUT SENSE A
VOUT SENSE B
AD557
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001


Similar Part No. - AD557

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD557 AD-AD557 Datasheet
238Kb / 4P
DACPORT, Low-Cost Complete mP-Compatible 8-Bit DAC
AD5570 AD-AD5570 Datasheet
963Kb / 24P
True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
11/03-Revision 0
AD5570 AD-AD5570 Datasheet
436Kb / 24P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5570ARS AD-AD5570ARS Datasheet
963Kb / 24P
True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
11/03-Revision 0
AD5570ARS-REEL AD-AD5570ARS-REEL Datasheet
963Kb / 24P
True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
11/03-Revision 0
More results

Similar Description - AD557

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD557 AD-AD557 Datasheet
238Kb / 4P
DACPORT, Low-Cost Complete mP-Compatible 8-Bit DAC
AD558 AD-AD558 Datasheet
334Kb / 8P
DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC
AD557JNZ AD-AD557JNZ Datasheet
560Kb / 6P
DACPORT Low Cost, Complete 關P-Compatible 8-Bit DAC
REV. B
AD558JPZ AD-AD558JPZ Datasheet
839Kb / 8P
DACPORT Low Cost, Complete 쨉P-Compatible 8-Bit DAC
REV. A
AD558JNZ AD-AD558JNZ Datasheet
839Kb / 8P
DACPORT LOW COST, COMPLETE P-COMPATIBLE 8-BIT DAC
REV. A
AD558KNZ AD-AD558KNZ Datasheet
839Kb / 8P
DACPORT Low Cost, Complete UP-Compatible 8-Bit DAC
REV. A
AD558TD AD-AD558TD Datasheet
839Kb / 8P
DACPORT Low Cost Complete UP-Compatible 8-Bit DAC
REV. A
AD557 AD-AD557_15 Datasheet
560Kb / 6P
DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
REV. B
AD558 AD-AD558_15 Datasheet
839Kb / 8P
DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
REV. A
AD558 AD-AD558_17 Datasheet
1Mb / 10P
DACPORT Low Cost Complete P0compatible 8-Bit DAC
15-Jul-2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com