Electronic Components Datasheet Search
  English  ▼

X  

ES9018 Datasheet(PDF) 15 Page - ESS Technology,Inc

Part # ES9018
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018 Datasheet(HTML) 15 Page - ESS Technology,Inc

Back Button ES9018 Datasheet HTML 11Page - ESS Technology,Inc ES9018 Datasheet HTML 12Page - ESS Technology,Inc ES9018 Datasheet HTML 13Page - ESS Technology,Inc ES9018 Datasheet HTML 14Page - ESS Technology,Inc ES9018 Datasheet HTML 15Page - ESS Technology,Inc ES9018 Datasheet HTML 16Page - ESS Technology,Inc ES9018 Datasheet HTML 17Page - ESS Technology,Inc ES9018 Datasheet HTML 18Page - ESS Technology,Inc ES9018 Datasheet HTML 19Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Sabre32 Reference Datasheet
February 11, 2010
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
www.esstech.com
15
Vista™
High Definition
Vista™
High Definition
REGISTER SETTINGS
Register #0: Volume of DAC0
(default = 8’d0)
Volume in dB’s = -REG_VALUE/2
Register #1: Volume of DAC1
(default = 8’d0)
Volume in dB’s = -REG_VALUE/2
Register #2: Volume of DAC2
(default = 8’d0)
Volume in dB’s = -REG_VALUE/2
Register #3: Volume of DAC3
(default = 8’d0)
Volume in dB’s = -REG_VALUE/2
Register #4: Volume of DAC4
(default = 8’d0)
Volume in dB’s = -REG_VALUE/2
Register #5: Volume of DAC5
(default = 8’d0)
Volume in dB’s = -REG_VALUE/2
Register #6: Volume of DAC6
(default = 8’d0)
Volume in dB’s = -REG_VALUE/2
Register #7: Volume of DAC7
(default = 8’d0)
Volume in dB’s = -REG_VALUE/2
Register #8: Automute_lev
(default = 1’b0,7’d104)
[7] : SPDIF_ENABLE.
1’b0 = Use either I2S or DSD input
1’b1 = Use SPDIF input
[6:0] : Automute trigger point in dB’s = -REG_VALUE
Register #9: Automute_time
(default = 8’d4)
Larger REG_VALUE = less time.
Smaller REG_VAULE = longer time.
Time in Seconds = 2096896/(REG_VALUE*DATA_CLK).
Register #10: Mode Control 1
(default = 8’b11001110)
[7:6] : 24/20/16 Bit for Serial Data Modes.
2’b00 = 24Bit
2’b01 = 20Bit
2’b10 = 16Bit
2’b11 = 32Bit
[5:4] : LJ/I2S/RJ Serial Data Modes.
2’b00 = I2S
2’b01 = LJ
2’b10 = RJ
2’b11 = I2S
[3] : RESERVED
o
Must be set to 1’b1 for normal operation.
[2] : JITTER_REDUCTION_ENABLE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com