Electronic Components Datasheet Search
  English  ▼

X  

ES9018S Datasheet(PDF) 19 Page - ESS Technology,Inc

Part # ES9018S
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018S Datasheet(HTML) 19 Page - ESS Technology,Inc

Back Button ES9018S Datasheet HTML 15Page - ESS Technology,Inc ES9018S Datasheet HTML 16Page - ESS Technology,Inc ES9018S Datasheet HTML 17Page - ESS Technology,Inc ES9018S Datasheet HTML 18Page - ESS Technology,Inc ES9018S Datasheet HTML 19Page - ESS Technology,Inc ES9018S Datasheet HTML 20Page - ESS Technology,Inc ES9018S Datasheet HTML 21Page - ESS Technology,Inc ES9018S Datasheet HTML 22Page - ESS Technology,Inc ES9018S Datasheet HTML 23Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Sabre32 Reference Datasheet
February 11, 2010
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
www.esstech.com
19
Vista™
High Definition
Vista™
High Definition
Registers #23-20: Master Trim
(default = 32’h7fffffff)
This is a 32 bit value that sets the 0dB level for all volume controls. This is a signed number, so it should
never exceed 32'h7fffffff (which is 2
31 - 1). (Reg 23 are the MSB’s, Reg 20 are the LSB’s)
Register 24: Phase Shift
(default = 8’b00110000)
[7:4]
RESERVED
[3:0]
phase_shift
4'd0 => default
4'd1 => default + 1/clk delay
4'd2 => default + 2/clk delay
4'd3 => default + 3/clk delay
4'd4 => default + 4/clk delay
4'd5 => default + 5/clk delay
4'd6 => default + 6/clk delay
4'd7 => default + 7/clk delay
4'd8 => default + 8/clk delay
4'd9 => default + 9/clk delay
4'd10 => default + 10/clk delay
4'd11 => default + 11/clk delay
4'd12 => default + 12/clk delay
4'd13 => default + 13/clk delay
4'd14 => default + 14/clk delay
4'd15 => default + 15/clk delay
Register 25: DPLL Mode Control
(default = 8’b00000010)
[7:2]
RESERVED
[1]
dpll_bw_defaults
1'b1 => Use the best DPLL bandwidth settings.
1'b0 => Allow all settings.
[0]
dpll_bw_128x
1'b1 => Multiply the DPLL BANDWIDTH setting by 128.
1'b0 => Use the DPLL BANDWIDTH setting.
Register 27: Status
This is a read-only register. All of these values are set by internal logic on the chip.
[7:4]
RESERVED
[3]
dsd_pcm
1'b1 => DSD mode.
1'b0 => I2S or SPDIF mode.
[2]
spdif_valid
1'b1 => The SPDIF data is valid.
1'b0 => The SPDIF data is invalid.
[1]
spdif_en
1'b1 => SPDIF mode is currently enabled. This can be done manually by setting
spdif_en_r (Register 8) or by having spdif_autodetect enabled with valid
SPDIF data on the input.
1'b0 => SPDIF mode is currently disabled.
[0]
lock
1'b1 => The Jitter Eliminator is locked to an incoming signal.
1'b0 => The Jitter Eliminator is not locked to an incoming signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com