Electronic Components Datasheet Search
  English  ▼

X  

CS7N65F Datasheet(PDF) 4 Page - HUAJING MICROELECTRONICS

Part # CS7N65F
Description  Silicon N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAJING-MICRO [HUAJING MICROELECTRONICS]
Direct Link  http://www.crhj.com.cn
Logo HUAJING-MICRO - HUAJING MICROELECTRONICS

CS7N65F Datasheet(HTML) 4 Page - HUAJING MICROELECTRONICS

  CS7N65F Datasheet HTML 1Page - HUAJING MICROELECTRONICS CS7N65F Datasheet HTML 2Page - HUAJING MICROELECTRONICS CS7N65F Datasheet HTML 3Page - HUAJING MICROELECTRONICS CS7N65F Datasheet HTML 4Page - HUAJING MICROELECTRONICS CS7N65F Datasheet HTML 5Page - HUAJING MICROELECTRONICS CS7N65F Datasheet HTML 6Page - HUAJING MICROELECTRONICS CS7N65F Datasheet HTML 7Page - HUAJING MICROELECTRONICS CS7N65F Datasheet HTML 8Page - HUAJING MICROELECTRONICS CS7N65F Datasheet HTML 9Page - HUAJING MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
W UX I C H I N A R E SO URC ES H U A JI N G MI C R O ELE C T R O N I C S C O . , LT D.
P a g e 4 o f 1 0
2 0 15 V 01
○
R
CS7N65F A9R
Characteristics Curve:
Vds , Drain-to-Source Voltage , Volts
0
0
5
10
15
20
25
10.5
14
3.5
7
V d s , D r a i n - t o - S ou r ce V o lt a g e , V o lts
10
1
0 .01
0 .1
1
10
100
1000
100
TC , Case Temperature , C
75
40
10
25
0
20
30
50
100
125
150
0
Figure
2
Maximum Power Dissipation vs Case Temperature
Figure
5
Maximum Effective Thermal Impendance , Junction to Case
Figure
4
Typical Output Characteristics
Figure
3
Maximum Continuous Drain Current vs Case Temperature
Figure
1
Maximum Forward Bias Safe Operating Area
100us
1ms
10ms
OPERATION IN THIS AREA
MAY BE LIMITED BY RDS(ON)
TJ=MAX RATED
TC=25℃ Single Pulse
VGS=10V
VGS=4.5V
VGS=5V
VGS=6V
VGS=7V
250us Pluse Test
Tc = 25℃
DC
TC , Case Tem perature , C
50
0
0
25
150
100
75
125
7
10.5
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com