Electronic Components Datasheet Search
  English  ▼

X  

LMV321 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV321 Datasheet(HTML) 5 Page - Texas Instruments

  LMV321 Datasheet HTML 1Page - Texas Instruments LMV321 Datasheet HTML 2Page - Texas Instruments LMV321 Datasheet HTML 3Page - Texas Instruments LMV321 Datasheet HTML 4Page - Texas Instruments LMV321 Datasheet HTML 5Page - Texas Instruments LMV321 Datasheet HTML 6Page - Texas Instruments LMV321 Datasheet HTML 7Page - Texas Instruments LMV321 Datasheet HTML 8Page - Texas Instruments LMV321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LMV321 SINGLE, LMV358 DUAL, LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN
LOW VOLTAGE RAILTORAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS263R − AUGUST 1999 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C and VCC+ = 2.7 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
1.7
7
mV
a
V
IO
Average temperature coefficient
of input offset voltage
5
mV/°C
IIB
Input bias current
11
250
nA
IIO
Input offset current
5
50
nA
CMRR
Common-mode rejection ratio
VCM = 0 to 1.7 V
50
63
dB
kSVR
Supply-voltage rejection ratio
VCC = 2.7 V to 5 V,
VO = 1 V
50
60
dB
VICR
Common-mode input voltage range
CMRR
w 50 dB
0 to 1.7
−0.2 to 1.9
V
Output swing
RL = 10 kΩ to 1.35 V
High level
VCC − 100
VCC − 10
mV
Output swing
RL = 10 kΩ to 1.35 V
Low level
60
180
mV
LMV321I
80
170
ICC
Supply current
LMV358I (both amplifiers)
140
340
mA
ICC
Supply current
LMV324I/LMV324SI (all four amplifiers)
260
680
mA
B1
Unity-gain bandwidth
CL = 200 pF
1
MHz
Fm
Phase margin
60
deg
Gm
Gain margin
10
dB
Vn
Equivalent input noise voltage
f = 1 kHz
46
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.17
pA/
√Hz
shutdown characteristics (LMV324S) at TA = 25°C and VCC+ = 2.7 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC(SHDN)
Supply current in shutdown mode
(per channel)
SHDN
≤ 0.6 V
5
mA
t(on)
Amplifier turnon time
AV = 1, RL = Open (measured at 50% point)
2
ms
t(off)
Amplifier turnoff time
AV = 1, RL = Open (measured at 50% point)
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com