Electronic Components Datasheet Search
  English  ▼

X  

LMV358 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV358
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV358 Datasheet(HTML) 4 Page - Texas Instruments

  LMV358 Datasheet HTML 1Page - Texas Instruments LMV358 Datasheet HTML 2Page - Texas Instruments LMV358 Datasheet HTML 3Page - Texas Instruments LMV358 Datasheet HTML 4Page - Texas Instruments LMV358 Datasheet HTML 5Page - Texas Instruments LMV358 Datasheet HTML 6Page - Texas Instruments LMV358 Datasheet HTML 7Page - Texas Instruments LMV358 Datasheet HTML 8Page - Texas Instruments LMV358 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LMV321 SINGLE, LMV358 DUAL, LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN
LOW VOLTAGE RAILTORAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS263R − AUGUST 1999 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (either input)
0 to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C,
VCC ≤ 5.5 V (see Note 3)
Unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
qJA (see Notes 4 and 5): D (8-pin) package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . .
D (14-pin) package
86
°C/W
. . . . . . . . . . . . . . . . . . . .
D (16-pin) package
73
°C/W
. . . . . . . . . . . . . . . . . . . .
DBV (5-pin) package
206
°C/W
. . . . . . . . . . . . . . . . . .
DCK (5-pin) package
252
°C/W
. . . . . . . . . . . . . . . . . .
DDU (8-pin) package
TBD
°C/W
. . . . . . . . . . . . . . . . .
DGK (8-pin) package
172
°C/W
. . . . . . . . . . . . . . . . . .
PW (8-pin) package
149
°C/W
. . . . . . . . . . . . . . . . . . .
PW (14-pin) package
113
°C/W
. . . . . . . . . . . . . . . . . .
PW (16-pin) package
108
°C/W
. . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
2. Differential voltages are at IN+ with respect to IN−.
3. Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
4. Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/qJA. Selecting the maximum of 150°C can affect reliability.
5. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 6)
MIN
MAX
UNIT
VCC
Supply voltage (single-supply operation)
2.7
5.5
V
VIH
Amplifier turnon voltage level (LMV324S)‡
VCC = 2.7 V
1.7
V
VIH
Amplifier turnon voltage level (LMV324S)‡
VCC = 5 V
3.5
V
VIL
Amplifier turnoff voltage level (LMV324S)
VCC = 2.7 V
0.7
V
VIL
Amplifier turnoff voltage level (LMV324S)
VCC = 5 V
1.5
V
TA
Operating free-air temperature
I-Temp
−40
85
°C
TA
Operating free-air temperature
Q-Temp
−40
125
°C
‡ VIH should not be allowed to exceed VCC.
NOTE 6: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com