Electronic Components Datasheet Search
  English  ▼

X  

LMV321IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321IDBVT
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV321IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  LMV321IDBVT Datasheet HTML 1Page - Texas Instruments LMV321IDBVT Datasheet HTML 2Page - Texas Instruments LMV321IDBVT Datasheet HTML 3Page - Texas Instruments LMV321IDBVT Datasheet HTML 4Page - Texas Instruments LMV321IDBVT Datasheet HTML 5Page - Texas Instruments LMV321IDBVT Datasheet HTML 6Page - Texas Instruments LMV321IDBVT Datasheet HTML 7Page - Texas Instruments LMV321IDBVT Datasheet HTML 8Page - Texas Instruments LMV321IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LMV321 SINGLE, LMV358 DUAL, LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN
LOW VOLTAGE RAILTORAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS263R − AUGUST 1999 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 2.7-V and 5-V Performance
D −405C to 1255C Operation
D Low-Power Shutdown Mode (LMV324S)
D No Crossover Distortion
D Low Supply Current
− LMV321 . . . 130
µA Typ
− LMV358 . . . 210
µA Typ
− LMV324 . . . 410
µA Typ
− LMV324S . . . 410
µA Typ
D Rail-to-Rail Output Swing
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
The LMV321, LMV358, and LMV324/LMV324S
are single, dual, and quad low-voltage (2.7 V to
5.5 V), operational amplifiers with rail-to-rail
output swing. The LMV324S, which is a variation
of the standard LMV324, includes a power-saving
shutdown feature that reduces supply current to a
maximum of 5
µA per channel when the amplifiers
are not needed. Channels 1 and 2 together are put
in shutdown, as are channels 3 and 4. While in
shutdown, the outputs actively are pulled low.
The LMV321, LMV358, LMV324, and LMV324S
are
the
most
cost-effective
solutions
for
applications where low-voltage operation, space
saving, and low cost are needed. These amplifiers
were designed specifically for low-voltage (2.7 V
to 5 V) operation, with performance specifications
meeting or exceeding the LM358 and LM324
devices that operate from 5 V to 30 V. Additional
features
of
the
LMV3xx
devices
are
a
common-mode input voltage range that includes
ground, 1-MHz unity-gain bandwidth, and 1-V/
µs
slew rate.
The LMV321 is available in the ultra-small DCK
(SC-70)
package,
which
is
approximately
one-half the size of the DBV (SOT-23) package.
This package saves space on printed circuit
boards and enables the design of small portable
electronic devices. It also allows the designer to
place the device closer to the signal source to
reduce noise pickup and increase signal integrity.
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC+
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
GND
3IN+
3IN−
3OUT
LMV324 ...D (SOIC) OR PW (TSSOP) PACKAGE
(TOP VIEW)
LMV358 ...D (SOIC), DDU (VSSOP),
DGK (MSOP), OR PW (TSSOP PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC+
2OUT
2IN−
2IN+
LMV321 . . . DBV (SOT-23) OR DCK (SC-70) PACKAGE
(TOP VIEW)
VCC+
OUT
1
2
3
5
4
1IN+
GND
1IN−
1OUT
1IN−
1IN+
VCC
2IN+
2IN−
2OUT
1/2 SHDN
4OUT
4IN−
4IN+
GND
3IN+
3IN−
3OUT
3/4 SHDN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LMV324S ...D (SOIC) OR PW (TSSOP) PACKAGE
(TOP VIEW)


Similar Part No. - LMV321IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321IDBVT TI-LMV321IDBVT Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321IDBVT TI-LMV321IDBVT Datasheet
1Mb / 37P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321IDBVT TI-LMV321IDBVT Datasheet
1Mb / 41P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321IDBVT TI-LMV321IDBVT Datasheet
1Mb / 45P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321IDBVT TI-LMV321IDBVT Datasheet
1Mb / 45P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV321IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com