Electronic Components Datasheet Search
  English  ▼

X  

LMV981 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV981
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV981 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV981 Datasheet HTML 9Page - Texas Instruments LMV981 Datasheet HTML 10Page - Texas Instruments LMV981 Datasheet HTML 11Page - Texas Instruments LMV981 Datasheet HTML 12Page - Texas Instruments LMV981 Datasheet HTML 13Page - Texas Instruments LMV981 Datasheet HTML 14Page - Texas Instruments LMV981 Datasheet HTML 15Page - Texas Instruments LMV981 Datasheet HTML 16Page - Texas Instruments LMV981 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LMV981 SINGLE, LMV982 DUAL
1.8V OPERATIONAL AMPLIFIERS
WITH RAILTORAIL INPUT AND OUTPUT AND SHUTDOWN
SLOS440G − AUGUST 2004 − REVISED MAY 2005
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL PERFORMANCE CHARACTERISTICS
Unless Otherwise Specified, VCC+ = 5 V, Single Supply, TA = 255C
−10
0
10
20
30
40
50
60
10k
100k
1M
10M
Frequency − Hz
1.8-V FREQUENCY RESPONSE
vs
TEMPERATURE
Figure 11
Gain
VS = 1.8 V
RL = 600 Ω
CL = 150 pF
Phase
−30
−10
10
30
50
70
90
110
25
°C
85
°C
−40
°C
125
°C
85
°C
125
°C
−40
°C
25
°C
−10
0
10
20
30
40
50
60
Figure 12
10k
100k
1M
10M
Frequency − Hz
5-V FREQUENCY RESPONSE
vs
TEMPERATURE
Gain
VS = 5 V
RL = 600 Ω
CL = 150 pF
Phase
25
°C
85
°C
−40
°C
125
°C
85
°C
125
°C
−40
°C
25
°C
−30
−10
10
30
50
70
90
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com