Electronic Components Datasheet Search
  English  ▼

X  

X7R Datasheet(PDF) 11 Page - EPCOS

Part # X7R
Description  Multilayer ceramic capacitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7R Datasheet(HTML) 11 Page - EPCOS

Back Button X7R Datasheet HTML 7Page - EPCOS X7R Datasheet HTML 8Page - EPCOS X7R Datasheet HTML 9Page - EPCOS X7R Datasheet HTML 10Page - EPCOS X7R Datasheet HTML 11Page - EPCOS X7R Datasheet HTML 12Page - EPCOS X7R Datasheet HTML 13Page - EPCOS X7R Datasheet HTML 14Page - EPCOS X7R Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Multilayer ceramic capacitors
11
12/05
X7R
Please read Cautions and warnings and
Important notes at the end of this document.
Ordering codes and packing for X7R, 25 and 50 VDC, nickel-barrier terminations
Chip
thickness
Cardboard tape,
∅ 180-mm reel
Cardboard tape,
∅ 330-mm reel
Bulk case
**
60
**
70
**
01
CR1)
Ordering code2)
mm
pcs./reel
pcs./reel
pcs.
Case size 0805, 25 VDC
100, nF
B37941K0104K0**
1.25
± 0.1 30003)
120004)
–
Case size 0805, 50 VDC
470. pF
B37941K5471K0**
0.6
± 0.1
5000
20000
10000
680. pF
B37941K5681K0**
0.6
± 0.1
5000
20000
10000
1.0 nF
B37941K5102K0**
0.6
± 0.1
5000
20000
10000
1.5 nF
B37941K5152K0**
0.6
± 0.1
5000
20000
10000
2.2 nF
B37941K5222K0**
0.6
± 0.1
5000
20000
10000
3.3 nF
B37941K5332K0**
0.6
± 0.1
5000
20000
10000
4.7 nF
B37941K5472K0**
0.6
± 0.1
5000
20000
10000
6.8 nF
B37941K5682K0**
0.6
± 0.1
5000
20000
10000
10. nF
B37941K5103K0**
0.6
± 0.1
5000
20000
10000
15. nF
B37941K5153K0**
0.6
± 0.1
5000
20000
10000
22. nF
B37941K5223K0**
0.6
± 0.1
5000
20000
10000
33. nF
B37941K5333K0**
0.6
± 0.1
5000
20000
10000
47. nF
B37941K5473K0**
0.6
± 0.1
5000
20000
10000
68. nF
B37941K5683K0**
0.8
± 0.1
4000
16000
–
68. nF
B37941K5683K0**
1.25
± 0.1 30003)
120004)
–
100. nF
B37941K5104K0**
0.8
± 0.1
4000
16000
–
100. nF
B37941K5104K0**
1.25
± 0.1 30003)
120004)
–
1) Other capacitance values on request.
2) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 3.
3) Blister tape, 180-mm reel, ordering code **
62
4) Blister tape, 330-mm reel, ordering code **
72
^
^
^
^
^
X7R; 0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com