Electronic Components Datasheet Search
  English  ▼

X  

LP2901N Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP2901N
Description  LOW-POWER QUAD DIFFERENTIAL COMPARATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2901N Datasheet(HTML) 3 Page - Texas Instruments

  LP2901N Datasheet HTML 1Page - Texas Instruments LP2901N Datasheet HTML 2Page - Texas Instruments LP2901N Datasheet HTML 3Page - Texas Instruments LP2901N Datasheet HTML 4Page - Texas Instruments LP2901N Datasheet HTML 5Page - Texas Instruments LP2901N Datasheet HTML 6Page - Texas Instruments LP2901N Datasheet HTML 7Page - Texas Instruments LP2901N Datasheet HTML 8Page - Texas Instruments LP2901N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The LP239 is obsolete
and is no longer supplied.
LP239, LP339, LP2901
LOW POWER QUAD DIFFERENTIAL COMPARATORS
SLCS004B − OCTOBER 1987 − REVISED SEPTEMBER 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
LP239
LP339
LP2901
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
3
30
3
30
3
30
V
VIC
Common-mode input voltage
VCC = 5 V
0
3
0
3
0
3
V
VIC
Common-mode input voltage
VCC = 30 V
0
28
0
28
0
28
V
VI
Input voltage
VCC = 5 V
0
3
0
3
0
3
V
VI
Input voltage
VCC = 30 V
0
28
0
28
0
28
V
TA
Operating free-air temperature
−25
85
0
70
−40
85
°C
electrical characteristics, VCC = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VCC = 5 V to 30 V,
VO = 2 V,
25
°C
±2
±5
mV
VIO
Input offset voltage
VCC = 5 V to 30 V,
RS = 0,
VO = 2 V,
See Note 6
Full range
±9
mV
IIO
Input offset current
25
°C
±0.5
±5
nA
IIO
Input offset current
Full range
±1
±15
nA
IIB
Input bias current
See Note 7
25
°C
−2.5
−25
nA
IIB
Input bias current
See Note 7
Full range
−4
−40
nA
VICR
Common-mode input voltage
Single supply
25
°C
0 to
VCC − 1.5
V
VICR
Common-mode input voltage
range
Single supply
Full range
0 to
VCC − 2
V
AVD
Large-signal differential voltage
amplification
VCC = 15 V,
RL = 15 k
Ω
500
V/mV
VI− = 1 V,
VO = 2 V,
25
°C
20
30
Output sink current
VI− = 1 V,
VI+ = 0
VO = 2 V,
See Note 8
Full range
15
mA
Output sink current
VI+ = 0
VO = 0.4 V
25
°C
0.2
0.7
mA
Output leakage current
VI+ = 1 V,
VO = 5 V
25
°C
0.1
nA
Output leakage current
VI+ = 1 V,
VI− = 0
VO = 30 V
Full range
1
µA
VID
Differential input voltage
VI ≤ 0 (or VCC − on split supplies)
36
V
ICC
Supply current
RL = ∞ all comparators
60
100
µA
† Full range is −25°C to 85°C for the LP239, 0°C to 70°C for the LP339, and −40°C to 85°C for the LP2901.
NOTES:
8. VIO is measured over the full common-mode input voltage range.
9. Because of the p-n-p input stage, the direction of the current is out of the device. This current essentially is constant (i.e., independent
of the output state). No loading change exists on the reference or input lines as long as the common-mode input voltage range is
not exceeded.
10. The output sink current is a function of the output voltage. These devices have a bimodal output section that allows them to sink
(via a Darlington connection) large currents at output voltages greater than 1.5 V, and smaller currents at output voltages
less than 1.5 V.
switching characteristics, VCC = 5 V, TA = 25°C, RL connected to 5 V through 5.1 kΩ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Large-signal response time
TTL logic swing, Vref = 1.4 V
1.3
µs
Response time
TTL logic swing, Vref = 1.4 V
8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com