Electronic Components Datasheet Search
  English  ▼

X  

B59910 Datasheet(PDF) 4 Page - EPCOS

Part # B59910
Description  Overcurrent Protection Leaded Disks, Coated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59910 Datasheet(HTML) 4 Page - EPCOS

  B59910 Datasheet HTML 1Page - EPCOS B59910 Datasheet HTML 2Page - EPCOS B59910 Datasheet HTML 3Page - EPCOS B59910 Datasheet HTML 4Page - EPCOS B59910 Datasheet HTML 5Page - EPCOS B59910 Datasheet HTML 6Page - EPCOS B59910 Datasheet HTML 7Page - EPCOS B59910 Datasheet HTML 8Page - EPCOS B59910 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
64
10/02
Characteristics (typical) for TRef = 80 °C
PTC resistance RPTC versus
PTC temperature TPTC
(measured at low signal voltage)
PTC current IPTC versus PTC voltage VPTC
(measured at 25
°C in still air)
Switching time tS versus switching current IS
(measured at 25
°C in still air)
Rated current IN versus ambient temperature TA
(measured in still air)
50
PTC
R
PTC
T
TPT0753-B
Ω
_
10 0
10 1
10
10 3
10 4
10 5
10 6
0
50
100
150
250
˚C
2
B59930C0080A070
B59940C0080A070
B59950C0080A070
PTC
V
TPT0755-S
0,1
110
100
1000
V
10 1
PTC
I
2
10
2
mA
B59930C0080A070
B59940C0080A070
B59950C0080A070
0
S
t
S
I
TPT0754-J
10
_1
10 0
10 1
2
10
10 3
s
B59930C0080A070
B59940C0080A070
B59950C0080A070
4
812
16
A
20
A
T
TPT0756-7
0_
0
20 40 60 80 100 120
˚C 160
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
2,0
N, 25 ˚C
I
IN, T
A
B599*0
C 910 … C 990
Leaded Disks, Coated, 63 V
Overcurrent Protection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com