Electronic Components Datasheet Search
  English  ▼

X  

REF102 Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF102
Description  10V Precision Voltage Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF102 Datasheet(HTML) 12 Page - Burr-Brown (TI)

Back Button REF102 Datasheet HTML 7Page - Burr-Brown (TI) REF102 Datasheet HTML 8Page - Burr-Brown (TI) REF102 Datasheet HTML 9Page - Burr-Brown (TI) REF102 Datasheet HTML 10Page - Burr-Brown (TI) REF102 Datasheet HTML 11Page - Burr-Brown (TI) REF102 Datasheet HTML 12Page - Burr-Brown (TI) REF102 Datasheet HTML 13Page - Burr-Brown (TI) REF102 Datasheet HTML 14Page - Burr-Brown (TI) REF102 Datasheet HTML 15Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MECHANICAL DATA
MMBC008 – MARCH 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
LMC (O–MBCY–W8)
METAL CYLINDRICAL
4202483/A 03/01
4
3
2
1
8
7
6
5
0.335 (8,51)
0.500 (12,70) MIN
0.021 (0,53)
0.016 (0,41)
0.040 (1,02)
0.010 (0,25)
0.305 (7,75)
0.335 (8,51)
0.165 (4,19)
0.185 (4,70)
0.370 (9,40)
0.040 (1,02) MAX
0.105 (2,67)
0.095 (2,41)
0.140 (3,56)
0.160 (4,06)
0.095 (2,41)
0.105 (2,67)
0.028 (0,71)
0.034 (0,86)
0.045 (1,14)
0.029 (0,74)
ø
ø
ø
ø
Seating Plane
0.200 (5,08)
45
°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Leads in true position within 0.010 (0,25) R @ MMC at seating plane.
D. Pin numbers shown for reference only. Numbers may not be marked on package.
E. Falls within JEDEC MO-002/TO-99.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com