Electronic Components Datasheet Search
  English  ▼

X  

B57350 Datasheet(PDF) 2 Page - EPCOS

Part # B57350
Description  Temperature Measurement Leadless Disks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57350 Datasheet(HTML) 2 Page - EPCOS

  B57350 Datasheet HTML 1Page - EPCOS B57350 Datasheet HTML 2Page - EPCOS B57350 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
69
05/02
Reliability data
Test
Standard
Test conditions
∆R
25/R25 (typ.)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at upper category tem-
perature
T: 155
°C
t: 1000 h
< 3 %
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-3
Temperature of air: 40
°C
Relative humidity of air: 93 %
Duration: 21 days
< 3 %
No visible
damage
Rapid temperature
cycling
IEC
60068-2-14
Lower test temperature: – 55
°C
Upper test temperature: 155
°C
Number of cycles: 100
< 3 %
No visible
damage
Endurance
Pmax: 180 mW
t: 1000 h
< 3 %
No visible
damage
Long-term stability
(empirical value)
Temperature: 125
°C
t: 10 000 h
< 5 %
No visible
damage
B57350
Temperature Measurement
K350
Leadless Disks



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com