Electronic Components Datasheet Search
  English  ▼

X  

TDA26 Datasheet(PDF) 1 Page - Bosch Sensortec GmbH

Part # TDA26
Description  Operating instructions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

TDA26 Datasheet(HTML) 1 Page - Bosch Sensortec GmbH

  TDA26 Datasheet HTML 1Page - Bosch Sensortec GmbH TDA26 Datasheet HTML 2Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GUARANTEE TERMS
The terms of the guarantee for this appliance are in accordance with that
stated by our representative for the country in which it is sold. Details
of those conditions can be obtained from the retailer from whom the
appliance was purchased. The SALES RECEIPT must be presented when
making any claims against the terms of this guarantee. We reserve the
right to make technical modifications.
Environmental Care
This iron has been designed according to ecological criteria related to
sustainable development; analysing its whole lifecycle, from material
selection to its later reuse or recycling; evaluating the improvement
possibilities from a technical, ecological and environmental point of
view.
Before throwing a used appliance away, you should make it noticeably
inoperable e.g. cut off the mains lead and be certain to dispose of it in
accordance with current laws and regulations.
Your retailer, town council or local council can give you detailed
information about these.
This appliance is labelled in accordance with
European Directive 2002/96/EG concerning used
electrical and electronic appliances (waste electrical
and electronic equipment – WEEE).
The guideline determines the framework for the return and
recycling of used appliances as applicable throughout the EU.
003 TDS26..GB/01/12
Customer Service
Great Britain
Bosch Customer Service
Grand Union House
Old Wolverton Road
Milton Keynes
MK12 5PT
UK +44 (0)844 892 8923
IRL +353 (0)1450 2655
www.bosch-home.co.uk
Operating instructions
Solving Minor Problems Yourself
Problem
Possible Causes
Solution
The iron does
not work or is not
heating up.
Temperature control (I)
on a very low setting.
Turn the temperature control to
the desired position.
Connection problems.
Check that the plug is inserted
into the mains socket correctly.
The clothes tend
to stick.
Temperature control (I)
setting is too high.
Turn the temperature control to
a lower setting.
Water comes out
of the soleplate
together with
steam.
Temperature control (I)
setting is too low.
Turn the temperature control to
a higher setting.
Steam regulator (A)
is set too high in
conjunction with a low
temperature.
Turn the steam regulator to a
lower setting.
You have pressed the
shot of steam button
(L) repeatedly wihhout
waiting for 5 seconds
between each press.
Wait 5 seconds between each
press of the shot of steam
button.
Tap or part distilled
water has not been used
(see“Filling the water
tank“ section) or other
products such as fragant
water have been added
to the tank.
Mix distilled water with tap
water as directed in the „Filling
the water tank“ section, and
never add any other products
to the water tank.
Iron is not
steaming.
Steam regulator (A) in
“0” or “calc” position.
Turn the steam regulator to “1”
or “2” position.
No water in tank.
Fill the tank.
Scale obstruction of
internal components.
Remove the steam regulator
(A) and clean it. If this does not
help contact an Authorised
Technical Service Centre.
Spray does not
work.
No water in the tank.
Add water to the water tank.
Obstructed mechanism. Contact an Authorised
Technical Service Centre.
Water comes
out from the
soleplate before
plugging the
iron in.
The steam regulator (A)
is not properly closed.
Place the steam regulator in the
“0” position.
Deposits come
out through
the holes in the
soleplate.
Traces of lime scale are
coming out of the steam
chamber.
Carry out a cleaning cycle “(see
“Multiple de-scaling system”
section)
The iron begins
to smoke when
switched on.
During first use: Certain
components on the
appliance have been
lightly greased at
the factory and may
produce a little smoke
when initially heated.
This is completely normal and
will stop after a short while.
Flashing lamp on
top of handle (*)
Auto-shut off has been
activated.
Move the iron gently fromside
to side to re-start it.
The lamp will then flash once
before it re-heats.
calc
Thank you for buying the TDA26 steam iron from Bosch. This iron has a
lightweight design and is built to perform.
These instructions contain valuable information about the unique features
of this iron and some hints to make ironing easier for you.
Please visit www.bosch-home.co.uk for more product information
or to register your product, just follow the link to the Online
guarantee registration.
Before using the Iron for the first time
Please carry out the following steps:
1. Remove the protective cover from the soleplate before using the
iron.
2. While the iron is unplugged, fill the water tank (E) with tap water and
set the temperature control (I) to “max” by lining it up with the pointer
(H).
3. Plug the appliance into the mains and when the iron has reached the
correct temperature (the pilot light [K] goes out), set the steam regulator
(A) to the “2” position.
4. Hold the iron horizontally and repeatedly press the shot of steam button
(L). Any residue should come out of the soleplate (G). It may smoke
and smell – this is normal and will cease after a short while.
5. If necessary, carefully clean the soleplate down with a dry, folded
cloth.
Cleaning and Maintenance
! Attention! Risk of burns!
For general cleaning, follow the information below:
Problem
Solution
Dirty/lightly marked iron
body or soleplate
Clean the body of iron or soleplate with a
damp cloth then dry it..
Mark develops on
soleplate during use
Set the iron to its maximum temperature
setting. Rub the iron a few times over with
a dry cotton cloth folded several times.
Heavily stained soleplate
While the iron is cold, iron a linen cloth
soaked in white vinegar. Then dampen a
cloth with water and wipe the soleplate
clean and dry thoroughly.
DO NOT de-scale or clean the water tank with cleaning products or
solvents, as these could cause the iron to drip when using the steam
function.
DO NOT use a “professional steam cleaner” for cleaning the
appliance.
DO NOT use sharp objects or abrasive products to clean the soleplate or
any other part of the appliance. To keep the soleplate in good condition,
do not allow it to come into contact with metal objects.
TDA 26..
sensi
xx B1
(*) Model dependent
You can download this manual from the local homepages of Bosch
Important
This appliance has been designed exclusively for domestic use and must
not be used for industrial purposes.
Carefully read through these instructions and safeguard them for future
reference.
General safety instructions
• Danger of electric shocks or fire!
• This appliance is to be connected and used in accordance with the
information stated on its characteristics plate.
• This appliance must be connected to an earthed socket. If it is absolutely
necessary to use an extension cable, make sure that it is suitable for
16A and has a socket with an earth connection.
• The iron should not be used if it has been dropped, if there are visible signs
of damage or if it is leaking water. It must be checked by an authorized
Technical Service Centre before it can be used again.
• Do not allow the power cable to come into contact with the soleplate
when it is hot.
• In order to avoid that, under unfavourable mains conditions, phenomena
like transient voltage drops or lighting fluctuations can happen, it is
recommended that the iron is connected to a power supply system
with a maximum impedance of 0.27Ω . If necessary, the user can ask
the public power supply company for the system impedance at the
interface point.
• This appliance is not intended to be used by persons (including
children) with reduced physical, sensory or mental capacities, or lack of
experience and knowledge, unless they have been given supervision or
instruction concerning the use of the appliance by a person responsible
for their safety.
• Keep the appliance out of children’s reach.
• Children should be supervised to ensure that they do not play with the
appliance.
• Remove the plug from the socket before filling the appliance with water
or before pouring out the remaining water after use.
• The appliance must never be placed directly under the tap to fill the
water tank.
• The appliance must be used and placed on a stable surface.
• When placed on its stand, make sure that the surface on which the
stand is placed is stable.
• The iron must not be left unattended while it is connected to the supply
mains.
• Unplug the appliance from the mains supply after each use, or if a fault
is suspected.
• The electrical plug must not be removed from the socket by pulling
the cable.
• Never immerse the iron in water or any other fluid.
• Do not leave the appliance exposed to weather conditions (rain, sun,
frost, etc.)
• With the aim of avoiding dangerous situations, any work or repair that
the appliance may need, e.g. replacing a faulty mains cable, must only
be carried out by qualified personnel from an Authorised Technical
Service Centre.


Similar Part No. - TDA26

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2611 PHILIPS-TDA2611 Datasheet
251Kb / 13P
5 W audio power amplifier
November 1982
logo
Unisonic Technologies
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
5 W audio power amplifier
November 1982
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
6 W hi-fi audio power amplifier
July 1994
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
6 W hi-fi audio power amplifier
July 1994
More results

Similar Description - TDA26

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MAR-B1021 SANYO-MAR-B1021 Datasheet
146Kb / 12P
OPERATING INSTRUCTIONS
logo
Maxim Integrated Produc...
DS1703K MAXIM-DS1703K Datasheet
250Kb / 11P
Operating Instructions
051503
logo
Molex Electronics Ltd.
0011311570 MOLEX11-0011311570 Datasheet
106Kb / 3P
OPERATING INSTRUCTIONS
logo
National Semiconductor ...
LMX2531LQ1515E NSC-LMX2531LQ1515E_14 Datasheet
3Mb / 25P
Evaluation Board Operating Instructions
LMX2531LQ1415E NSC-LMX2531LQ1415E_14 Datasheet
2Mb / 25P
Evaluation Board Operating Instructions
logo
ebm-papst
K1G200-AD65-04 EBMPAPST-K1G200-AD65-04 Datasheet
1Mb / 9P
Operating instructions
K3G200-BD64-04 EBMPAPST-K3G200-BD64-04 Datasheet
428Kb / 9P
Operating instructions
logo
WORLDSEMI CO., LIMITED
DMX512 WORLDSEMI-DMX512 Datasheet
1Mb / 2P
decoder operating instructions
logo
List of Unclassifed Man...
1335X ETC1-1335X Datasheet
1Mb / 9P
OPERATING INSTRUCTIONS & PARTS MANUAL
logo
ifm electronic Ltd.
SI5000 IFM-SI5000 Datasheet
295Kb / 13P
Operating instructions Flow monitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com