Electronic Components Datasheet Search
  English  ▼

X  

CDP1855D Datasheet(PDF) 9 Page - Intersil Corporation

Part # CDP1855D
Description  8-Bit Programmable Multiply/Divide Unit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1855D Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CDP1855D Datasheet HTML 5Page - Intersil Corporation CDP1855D Datasheet HTML 6Page - Intersil Corporation CDP1855D Datasheet HTML 7Page - Intersil Corporation CDP1855D Datasheet HTML 8Page - Intersil Corporation CDP1855D Datasheet HTML 9Page - Intersil Corporation CDP1855D Datasheet HTML 10Page - Intersil Corporation CDP1855D Datasheet HTML 11Page - Intersil Corporation CDP1855D Datasheet HTML 12Page - Intersil Corporation CDP1855D Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
CDP1855 Interfacing Schemes
FIGURE 3. REQUIRED CONNECTION FOR MEMORY MAPPED
ADDRESSING OF THE MDU
FIGURE 4. INTERFACING THE CDP1855 TO AN 8085 MICRO-
PROCESSOR AS AN I/O DEVICE
Programming Example for Multiplication
For a 24-bit x 24-bit multiply using the system shown in Figure 5, the following is an assembly listing of a program to multiply 201F7C16 by
723C0916:
MEMORY
LOCATION
OP
CODE
LINE
NO.
ASSEMBLY LANGUAGE
0000
F830;
0001
LDI 030H
0002
A2;
0002
PLO R2
. . LOAD 30 INTO R2.0
0003
F800;
0003
LDI 00H
0005
B2;
0004
PHI R2
. . LOAD 00 INTO R2.1 (R2=0030)
0006
6758;
0005
OUT 7;
DC 058H
. . LOAD CONTROL REGISTERS
0008
;
0006
. . SPECIFYING THREE MDU’s
0008
;
0007
. . RESET THE Y REGISTER AND
0008
;
0008
. . SEQUENCE COUNTER
0008
6420;
0009
OUT 4;
DC 020H
. . LOAD MSB OF X REGISTER
000A
;
0010
. . WITH 20
000A
641F;
0011
OUT 4;
DC 01FH
. . LOAD NEXT MSB OF X REG
000C
;
0012
. . WITH 1F
000C
647C;
0013
OUT 4;
DC 07CH
. . LOAD LSB OF X REGISTER
000E
;
0014
. . WITH 7C
000E
6572;
0015
OUT 5;
DC 072H
. . LOAD MSB OF Z REGISTER
0010
;
0016
. . WITH 72
CLEAR
XTAL
MA0
MA1
MAX
TPA
MWR
MRD
TPB
EF
BUS
HIGH
ADDRESS
LATCH
CDP1802
CLEAR
CLOCK
CI
CN0
CN1
YL
ZR
CTL
YR
ZL
BUS
CDP1855
RA0
RA1
RE/WE
CE
STB
CO
RA2
+VDD
CI
BUS 0
15
BUS 1
16
BUS 2
17
BUS 3
18
BUS 4
19
BUS 5
20
BUS 6
21
BUS 7
22
ZR
23
YL
5
CTL
3
ZL
6
YR
24
CE
RA0
RA1
RA2
1
13
12
11
STB
RD/WE
CLK
CLEAR
9
10
8
2
CN1
CN0
VDD
VSS
25
26
27
28
14
A8
A9
IO/M
WR
CLK (OUT)
RD
DATA BUS
DATA
BUS
RESET OUT
1/4 CD4011
1/4 CD4011
VCC
CDP1855
MDU
CDP1855, CDP1855C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com