Electronic Components Datasheet Search
  English  ▼

X  

TLE9879 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE9879
Description  TLE9879 EvalKit V1.4 User Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9879 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE9879 Datasheet HTML 1Page - Infineon Technologies AG TLE9879 Datasheet HTML 2Page - Infineon Technologies AG TLE9879 Datasheet HTML 3Page - Infineon Technologies AG TLE9879 Datasheet HTML 4Page - Infineon Technologies AG TLE9879 Datasheet HTML 5Page - Infineon Technologies AG TLE9879 Datasheet HTML 6Page - Infineon Technologies AG TLE9879 Datasheet HTML 7Page - Infineon Technologies AG TLE9879 Datasheet HTML 8Page - Infineon Technologies AG TLE9879 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLE9879 EvalKit V1.4 User Manual
1
TLE9879 EvalKit V1.4 User Manual
Contents
TLE9879 EvalKit V1.4 User Manual .................................................................................................... 1
1
Abbreviations ........................................................................................................................ 2
2
Concept ................................................................................................................................ 3
3
Interconnects ........................................................................................................................ 4
4
Test Points ............................................................................................................................ 6
5
Jumper Settings..................................................................................................................... 7
6
Communication Interfaces ...................................................................................................... 9
6.1
LIN (via Banana jack and uIO BSL)..........................................................................................................9
6.2
UART (via USB).........................................................................................................................................9
6.3
Debugging (via USB or SWD-Interface)...................................................................................................9
7
Technical Data ......................................................................................................................10
8
Optional Additional Placements..............................................................................................11
9
Changes with v1.3: Schematic ................................................................................................12
10
Schematics and Layout ..........................................................................................................13
10.1
Schematic..............................................................................................................................................13
10.2
Layout ....................................................................................................................................................17


Similar Part No. - TLE9879

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9879-2QXA40 INFINEON-TLE9879-2QXA40 Datasheet
3Mb / 133P
Microcontroller with LIN and BLDC MOSFET Driver
Rev. 1.0 2018-01-16
TLE9879-2QXA40 INFINEON-TLE9879-2QXA40 Datasheet
3Mb / 41P
Generic Power Board for 12 V applications OptiMOS™-7 40 V SSO8 MOSFETs and MOTIX™ MCU TLE9879QXA40
2024-06-05 rev. 1.0
TLE9879QTW40 INFINEON-TLE9879QTW40 Datasheet
3Mb / 132P
Microcontroller with LIN and BLDC MOSFET Driver for Automotive
Rev. 1.0 2020-07-23
TLE9879QXA20 INFINEON-TLE9879QXA20 Datasheet
4Mb / 122P
Microcontroller with LIN and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
TLE9879QXA20 INFINEON-TLE9879QXA20 Datasheet
4Mb / 126P
Microcontroller with LIN and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
More results

Similar Description - TLE9879

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
User Manual
logo
Motorola, Inc
M68060 MOTOROLA-M68060 Datasheet
1Mb / 416P
M68060 User Manual
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
USER MANUAL
logo
CML Microcircuits
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
User Manual
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
User Manual
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
User Manual
logo
NXP Semiconductors
UM10601 NXP-UM10601 Datasheet
1Mb / 313P
LPC800 User manual
Rev. 1.0-7 November 2012
logo
ATMEL Corporation
E1106 ATMEL-E1106 Datasheet
480Kb / 14P
E1106 User Manual
logo
List of Unclassifed Man...
WIZ820IO ETC2-WIZ820IO Datasheet
562Kb / 15P
WIZ820io User Manual
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
User manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com