Electronic Components Datasheet Search
  English  ▼

X  

TIP140 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TIP140
Description  NPN SILICON POWER DARLINGTONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIP140 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TIP140 Datasheet HTML 1Page - Bourns Electronic Solutions TIP140 Datasheet HTML 2Page - Bourns Electronic Solutions TIP140 Datasheet HTML 3Page - Bourns Electronic Solutions TIP140 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIP140, TIP141, TIP142
NPN SILICON POWER DARLINGTONS
2
PRODU CT
INFORMA TION
DECEMBER 1971 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
† Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
(see Note 5)
IB = 0
TIP140
TIP141
TIP142
60
80
100
V
ICEO
Collector-emitter
cut-off current
VCE = 30 V
VCE = 40 V
VCE = 50 V
IB =0
IB =0
IB =0
TIP140
TIP141
TIP142
2
2
2
mA
ICBO
Collector cut-off
current
VCB = 60 V
VCB = 80 V
VCB = 100 V
IE =0
IE =0
IE =0
TIP140
TIP141
TIP142
1
1
1
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC =0
2
mA
hFE
Forward current
transfer ratio
VCE =
4 V
VCE =
4 V
IC =
5A
IC =10 A
(see Notes 5 and 6)
1000
500
VCE(sat)
Collector-emitter
saturation voltage
IB =
10 mA
IB =
40 mA
IC = 5 A
IC =10 A
(see Notes 5 and 6)
2
3
V
VBE
Base-emitter
voltage
VCE =
4 V
IC = 10 A
(see Notes 5 and 6)
3
V
VEC
Parallel diode
forward voltage
IE =
10 A
IB = 0
(see Notes 5 and 6)
3.5
V
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
†
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = 10 A
VBE(off) = -4.2 V
IB(on) = 40 mA
RL = 3 Ω
IB(off) = -40 mA
tp = 20 µs, dc ≤ 2%
0.9
µs
toff
Turn-off time
11
µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com