| Electronic Components Datasheet Search |
|
TLC271ACD Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC271ACD Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 82 page ![]() TLC271, TLC271A, TLC271B LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001 39 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 LOW-BIAS MODE electrical characteristics at specified free-air temperature (unless otherwise noted) TEST † TLC271I, TLC271AI, TLC271BI PARAMETER TEST CONDITIONS TA† VDD = 5 V VDD = 10 V UNIT CONDITIONS A MIN TYP MAX MIN TYP MAX TLC271I 25 °C 1.1 10 1.1 10 TLC271I VO =1 4V Full range 13 13 VIO Input offset voltage TLC271AI VO = 1.4 V, VIC = 0 V, 25 °C 0.9 5 0.9 5 mV VIO Input offset voltage TLC271AI IC , RS = 50 Ω, R1 M Ω Full range 7 7 mV TLC271BI RL = 1 MΩ 25 °C 0.24 2 0.26 2 TLC271BI Full range 3.5 3.5 αVIO Average temperature coefficient of input offset voltage 25 °C to 85 °C 1.1 1 µV/°C IIO Input offset current (see Note 4) VO = VDD /2, 25 °C 0.1 60 0.1 60 pA IIO Input offset current (see Note 4) ODD , VIC = VDD /2 85 °C 24 1000 26 1000 pA IIB Input bias current (see Note 4) VO = VDD /2, 25 °C 0.6 60 0.7 60 pA IIB Input bias current (see Note 4) ODD , VIC = VDD /2 85 °C 200 2000 220 2000 pA VICR Common-mode input 25 °C – 0.2 to 4 – 0.3 to 4.2 – 0.2 to 9 – 0.3 to 9.2 V VICR voltage range (see Note 5) Full range – 0.2 to 3.5 – 0.2 to 8.5 V V 100 V 25 °C 3 4.1 8 8.9 VOH High-level output voltage VID = 100 mV, RL=1MΩ – 40 °C 3 4.1 7.8 8.9 V RL= 1 MΩ 85 °C 3 4.2 7.8 8.9 V 100 V 25 °C 0 50 0 50 VOL Low-level output voltage VID = – 100 mV, IOL =0 – 40 °C 0 50 0 50 mV IOL = 0 85 °C 0 50 0 50 L i l diff ti l R1 M Ω 25 °C 50 520 50 870 AVD Large-signal differential voltage amplification RL= 1 MΩ See Note 6 – 40 °C 50 900 50 1550 V/mV voltage am lification See Note 6 85 °C 50 330 50 585 25 °C 65 94 65 97 CMRR Common-mode rejection ratio VIC = VICRmin – 40 °C 60 95 60 97 dB 85 °C 60 95 60 98 S l lt j ti ti V 5Vt 10 V 25 °C 70 97 70 97 kSVR Supply-voltage rejection ratio ( ∆VDD/∆VIO) VDD = 5 V to 10 V VO =1 4V – 40 °C 60 97 60 97 dB ( ∆VDD/∆VIO) VO = 1.4 V 85 °C 60 98 60 98 II(SEL) Input current (BIAS SELECT) VI(SEL) = VDD 25 °C 65 95 nA VO = VDD /2, 25 °C 10 17 14 23 IDD Supply current VO VDD /2, VIC = VDD /2, Nl d – 40 °C 16 27 25 43 µA No load 85 °C 17 13 10 18 † Full range is – 40 to 85 °C. NOTES: 4. The typical values of input bias current and input offset current below 5 pA were determined mathematically. 5. This range also applies to each input individually. 6. At VDD = 5 V, VO = 0.25 V to 2 V; at VDD = 10 V, VO = 1 V to 6 V. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |