Electronic Components Datasheet Search
  English  ▼

X  

HEF40373BD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # HEF40373BD
Description  Octal transparent latch with 3-state outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF40373BD Datasheet(HTML) 7 Page - NXP Semiconductors

  HEF40373BD Datasheet HTML 1Page - NXP Semiconductors HEF40373BD Datasheet HTML 2Page - NXP Semiconductors HEF40373BD Datasheet HTML 3Page - NXP Semiconductors HEF40373BD Datasheet HTML 4Page - NXP Semiconductors HEF40373BD Datasheet HTML 5Page - NXP Semiconductors HEF40373BD Datasheet HTML 6Page - NXP Semiconductors HEF40373BD Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
January 1995
7
Philips Semiconductors
Product specification
Octal transparent latch with 3-state outputs
HEF40373B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
3 325 fi +∑ (foCL) × VDD2
where
dissipation per
10
14 200 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
37 425 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)
Fig.7 Output transition times as a function of the load capacitance. .
 t
TLH
−−−− t
THL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com