Electronic Components Datasheet Search
  English  ▼

X  

4030B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 4030B
Description  Quadruple exclusive-OR gate
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

4030B Datasheet(HTML) 3 Page - NXP Semiconductors

  4030B Datasheet HTML 1Page - NXP Semiconductors 4030B Datasheet HTML 2Page - NXP Semiconductors 4030B Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
January 1995
3
Philips Semiconductors
Product specification
Quadruple exclusive-OR gate
HEF4030B
gates
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
In → On
5
85
175
ns
57 ns
+ (0,55 ns/pF) C
L
HIGH to LOW
10
tPHL
35
75
ns
24 ns
+ (0,23 ns/pF) C
L
15
30
55
ns
22 ns
+ (0,16 ns/pF) C
L
5
75
150
ns
47 ns
+ (0,55 ns/pF) C
L
LOW to HIGH
10
tPLH
30
65
ns
19 ns
+ (0,23 ns/pF) C
L
15
25
50
ns
17 ns
+ (0,16 ns/pF) C
L
Output transition times
5
60
120
ns
10 ns
+ (1,0 ns/pF) C
L
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) C
L
15
20
40
ns
6 ns
+ (0,28 ns/pF) C
L
5
60
120
ns
10 ns
+ (1,0 ns/pF) C
L
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) C
L
15
20
40
ns
6 ns
+ (0,28 ns/pF) C
L
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
1 100 fi +∑(fo CL) × VDD2
where
dissipation per
10
4 900 fi +∑(fo CL) × VDD2
fi = input freq. (MHz)
package (P)
15
14 400 fi +∑(fo CL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑(f
oCL) = sum of outputs
VDD = supply voltage (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com