Electronic Components Datasheet Search
  English  ▼

X  

RF2334 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2334
Description  GENERAL PURPOSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2334 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2334 Datasheet HTML 1Page - RF Micro Devices RF2334 Datasheet HTML 2Page - RF Micro Devices RF2334 Datasheet HTML 3Page - RF Micro Devices RF2334 Datasheet HTML 4Page - RF Micro Devices RF2334 Datasheet HTML 5Page - RF Micro Devices RF2334 Datasheet HTML 6Page - RF Micro Devices RF2334 Datasheet HTML 7Page - RF Micro Devices RF2334 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-275
RF2334
Rev A10 030415
Gain versus Frequency Across Temperature
ICC = 65 mA
10.0
12.0
14.0
16.0
18.0
20.0
22.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
-40°C
26°C
85°C
Output P1dB versus Frequency Across Temperature
ICC = 65 mA
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
-40°C
26°C
85°C
Output IP3 versus Frequency Across Temperature
ICC = 65 mA
21.00
23.00
25.00
27.00
29.00
31.00
33.00
35.00
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40°C
26°C
85°C
Noise Figure versus Frequency Across Temperature
ICC = 65 mA
3.00
4.00
5.00
6.00
7.00
8.00
9.00
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40°C
26°C
85°C
Input VSWR versus Frequency Across Temperature
ICC = 65 mA
1.00
1.20
1.40
1.60
1.80
2.00
2.20
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40°C
26°C
85°C
Output VSWR versus Frequency Across Temperature
ICC = 65 mA
1.00
1.20
1.40
1.60
1.80
2.00
2.20
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40°C
26°C
85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com