Electronic Components Datasheet Search
  English  ▼

X  

TL070 Datasheet(PDF) 9 Page - Texas Instruments

Part # TL070
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL070 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL070 Datasheet HTML 5Page - Texas Instruments TL070 Datasheet HTML 6Page - Texas Instruments TL070 Datasheet HTML 7Page - Texas Instruments TL070 Datasheet HTML 8Page - Texas Instruments TL070 Datasheet HTML 9Page - Texas Instruments TL070 Datasheet HTML 10Page - Texas Instruments TL070 Datasheet HTML 11Page - Texas Instruments TL070 Datasheet HTML 12Page - Texas Instruments TL070 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TL070
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS121B – NOVEMBER 1993 – REVISED MARCH 2001
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 13
1
f – Frequency – Hz
106
101
102
103
104
105
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREQUENCY WITH FEED-FORWARD COMPENSATION
100
1 k
10 k
100 k
1 M
100 M
VCC
± = ±15 V
C2 = 3 pF
TA = 25°C
See Figure 3
Figure 14
0
°
45
°
180
°
135
°
90
°
1
f – Frequency – Hz
106
101
102
103
104
105
Phase Shift
(right scale)
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
AND PHASE SHIFT
vs
FREQUENCY
Differential
Voltage
Amplification
(left scale)
100
1 k
10 k
100 k
1 M
10 M
10
1
VCC
± = ±5 V to ±15 V
RL = 2 kΩ
TA = 25°C
NORMALIZED UNITY-GAIN BANDWIDTH
AND PHASE SHIFT
vs
FREE-AIR TEMPERATURE
Figure 15
TA – Free-Air Temperature – °C
Unity-Gain
Bandwidth
(left scale)
Phase Shift
(right scale)
VCC
± = ±15 V
RL = 2 kΩ
f = B1 for Phase Shift
1.3
1.2
1.1
1
0.9
0.8
0.7
–75
–50
–25
0
25
50
75
100
125
1.03
1.02
1.01
1
0.99
0.98
0.97
Figure 16
83
TA – Free-Air Temperature – °C
89
84
85
86
87
88
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
RL = 10 kΩ
–75
–50
–25
0
25
50
75
100
125
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. An 18-pF
compensation capacitor is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com