Electronic Components Datasheet Search
  English  ▼

X  

TL343 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL343
Description  SINGLE LOW-POWER OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL343 Datasheet(HTML) 2 Page - Texas Instruments

  TL343 Datasheet HTML 1Page - Texas Instruments TL343 Datasheet HTML 2Page - Texas Instruments TL343 Datasheet HTML 3Page - Texas Instruments TL343 Datasheet HTML 4Page - Texas Instruments TL343 Datasheet HTML 5Page - Texas Instruments TL343 Datasheet HTML 6Page - Texas Instruments TL343 Datasheet HTML 7Page - Texas Instruments TL343 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TL343
SINGLE LOW POWER OPERATIONAL AMPLIFIER
SLOS250G − JUNE 1999 − REVISED JANUARY 2005
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic
IN−
IN+
VCC+
VCC−/GND
OUT
2.4 k
Ω
5 pF
NOTE A: Component values shown are nominal.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
MAX
UNIT
Supply voltage (see Note 1)
VCC+
18
V
Supply voltage (see Note 1)
VCC−
−18
V
Supply voltage, VCC+ with respect to VCC−
36
V
Differential input voltage (see Note 2)
±36
V
Input voltage (see Notes 1 and 3)
±18
V
Package thermal impedance,
θJA (see Notes 4 and 5)
206
°C/W
Operating virtual junction temperature, TJ
150
°C
Storage temperature range, Tstg
−65 to 150
°C
NOTES:
1. These voltage values are with respect to the midpoint between VCC+ and VCC−.
2. Differential voltages are at IN+ with respect to IN−.
3. Neither input must ever be more positive than VCC+ or more negative than VCC−.
4. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Selecting the maximum of 150°C can affect reliability.
5. The package thermal impedance is calculated in accordance with JESD 51-7.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com