Electronic Components Datasheet Search
  English  ▼

X  

TL499ACP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL499ACP
Description  WIDE-RANGE POWER-SUPPLY CONTROLLERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL499ACP Datasheet(HTML) 5 Page - Texas Instruments

  TL499ACP Datasheet HTML 1Page - Texas Instruments TL499ACP Datasheet HTML 2Page - Texas Instruments TL499ACP Datasheet HTML 3Page - Texas Instruments TL499ACP Datasheet HTML 4Page - Texas Instruments TL499ACP Datasheet HTML 5Page - Texas Instruments TL499ACP Datasheet HTML 6Page - Texas Instruments TL499ACP Datasheet HTML 7Page - Texas Instruments TL499ACP Datasheet HTML 8Page - Texas Instruments TL499ACP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TL499A
WIDE-RANGE POWER-SUPPLY CONTROLLERS
SLVS029G – JANUARY 1984 – REVISED SEPTEMBER 2001
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 2. Maximum Output Current vs Input and Output Voltages
for Step-Up Switching Regulator With RCL = 200 Ω
OUTPUT
SWITCHING REGULATOR INPUT VOLTAGE (SW REG IN2)
(V)
OUTPUT
VOLTAGE
1.1
1.2
1.3
1.5
1.7
2
2.5
3
5
6
9
(V)
OUTPUT CURRENT
(mA)
30
50
100
25
50
70
100
20
15
25
30
70
90
100
15
10
15
25
35
45
90
100
100
12
10
10
15
20
25
35
45
60
100
100
100
10
15
20
20
25
30
40
55
70
100
100
9
20
20
25
30
35
45
60
80
100
6
25
30
35
45
50
65
90
100
5
30
35
40
55
60
75
100
100
Circuit of Figure 1, except:
4.5
35
40
45
55
65
85
100
100†
RCL = 200 Ω
3
50
55†
65†
80†
90†
CF = 330 µF
2.9
50†
60†
65†
85†
100†
CP = 0.1 µF
† The difference between the output and input voltage for these combinations is greater than the minimum
output-to-input differential-voltage specification at 70
°C (1.2 V), but less than the minimum at 85°C (1.9 V).
Table 3. Maximum Output Current vs Input and Output Voltages
for Step-Up Switching Regulator With RCL = 300 Ω
OUTPUT
SWITCHING REGULATOR INPUT VOLTAGE (SW REG IN2)
(V)
OUTPUT
VOLTAGE
1.1
1.2
1.3
1.5
1.7
2
2.5
3
5
6
9
(V)
OUTPUT CURRENT
(mA)
30
40
70
25
40
55
100
20
10
15
20
55
70
100
15
10
10
20
30
35
75
95
100
12
10
10
10
15
20
25
35
45
95
100
100
10
15
15
15
20
25
30
45
55
100
100
9
15
15
20
25
30
35
50
60
100
100
6
25
25
30
35
45
55
70
90
5
30
30
35
45
50
65
85
100
Circuit of Figure 1, except:
4.5
30
35
40
45
55
70
95
100†
RCL = 300 Ω
3
45
50†
55†
70†
90†
CF = 330 µF
2.9
45†
50†
60†
75†
95†
CP = 0.1 µF
† The difference between the output and input voltage for these combinations is greater than the minimum
output-to-input differential-voltage specification at 70
°C (1.2 V), but less than the minimum at 85°C (1.9 V).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com