Electronic Components Datasheet Search
  English  ▼

X  

TLC080AID Datasheet(PDF) 31 Page - Texas Instruments

Part # TLC080AID
Description  FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC080AID Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLC080AID Datasheet HTML 27Page - Texas Instruments TLC080AID Datasheet HTML 28Page - Texas Instruments TLC080AID Datasheet HTML 29Page - Texas Instruments TLC080AID Datasheet HTML 30Page - Texas Instruments TLC080AID Datasheet HTML 31Page - Texas Instruments TLC080AID Datasheet HTML 32Page - Texas Instruments TLC080AID Datasheet HTML 33Page - Texas Instruments TLC080AID Datasheet HTML 34Page - Texas Instruments TLC080AID Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
TL7757
SUPPLY-VOLTAGE SUPERVISOR
AND PRECISION VOLTAGE DETECTOR
SLVS041I – SEPTEMBER 1991 – REVISED AUGUST 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
5.5 V
+
–
15 V
A
TL7757
VCC
RESET
GND
Figure 1. Test Circuit for Output Leakage Current
NOTE A: Includes jig and probe capacitance
VCC
TL7757
RESET
GND
Pulse
Generator
RL = 1 kΩ
OUT
CL = 100 pF
(see Note A)
0.1
mF
Figure 2. Test Circuit for RESET Output Switching Characteristics
NOTE A: VCC slew rate ≤ 5 µs
RESET
4.8 V
VIT+
VIT–
VCC
(see Note A)
4.3 V
tPLH
tPHL
90%
50%
10%
90%
50%
10%
tr
tf
Figure 3. Switching Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com