Electronic Components Datasheet Search
  English  ▼

X  

TL714C Datasheet(PDF) 3 Page - Texas Instruments

Part # TL714C
Description  HIGH-SPEED DIFFERENTIAL COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL714C Datasheet(HTML) 3 Page - Texas Instruments

  TL714C Datasheet HTML 1Page - Texas Instruments TL714C Datasheet HTML 2Page - Texas Instruments TL714C Datasheet HTML 3Page - Texas Instruments TL714C Datasheet HTML 4Page - Texas Instruments TL714C Datasheet HTML 5Page - Texas Instruments TL714C Datasheet HTML 6Page - Texas Instruments TL714C Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TL714C
HIGHSPEED DIFFERENTIAL COMPARATOR
SLCS015A − DECEMBER 1988 − REVISED AUGUST 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over free-air operating temperature range, VCC = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VT
Threshold voltage (VT+ and VT−)
VIC = 1.4 V to 3.6 V
−75‡
75
mV
Vhys
Hysteresis (VT+ − VT−)
2
10
30
mV
VOH
High-level output voltage
VID = 100 mV,
IOH = −1 mA
2.7
3.4
V
VOL
Low-level output voltage
VID = −100 mV,
IOL = 16 mA
0.4
0.5
V
IOS
Short-circuit output current
−30
−110
mA
ri
Differential input resistance
2.9
k
Ω
ICC
Supply current
VID = −100 mV,
IO = 0
7
12
mA
† All typical values are at TA = 25°C.
‡ The algebraic convention, where the more-negative limit is designated as minimum, is used in this data sheet for input threshold voltage levels
only.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
fmax
Maximum operating frequency
VID = ±250 mV,
CL = 25 pF,
tr = tf = 4 ns,
Input duty cycle = 50%
50
MHz
tPLH Propagation delay time, low-to-high-level output
VID = ±100 mV,
CL = 25 pF,
6
12
ns
tPHL Propagation delay time, high-to-low-level output
VID = ±100 mV,
See Figures 1 and 2
CL = 25 pF,
6
12
ns
tr
Rise time
VID = ±100 mV,
CL = 25 pF,
4
8
ns
tf
Fall time
VID = ±100 mV,
See Figure 3
CL = 25 pF,
4
8
ns
† All typical values are at TA = 25°C.
PARAMETER MEASUREMENT INFORMATION
Figure 1. Propagation Delay Time,
Low to High (tPLH)
VID
VO
tr ≤ 4 ns
100 mV
−100 mV
tPLH
90%
50%
10%
1.4 V
VOH
VOL
Figure 2. Propagation Delay Time,
High to Low (tPHL)
90%
50%
10%
tPHL
1.4 V
VID
VO
100 mV
−100 mV
VOH
VOL
tf ≤ 4 ns
VID
VO
tr ≤ 4 ns
tr
90%
10%
100 mV
−100 mV
VOH
VOL
90%
10%
tf ≤ 4 ns
tf
2.4 V
0.5 V
2.4 V
0.5 V
Figure 3. Rise and Fall Times (tr, tf)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com