Electronic Components Datasheet Search
  English  ▼

X  

TL7700CPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700CPWR
Description  SUPPLY-VOLTAGE SUPERVISOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7700CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL7700CPWR Datasheet HTML 6Page - Texas Instruments TL7700CPWR Datasheet HTML 7Page - Texas Instruments TL7700CPWR Datasheet HTML 8Page - Texas Instruments TL7700CPWR Datasheet HTML 9Page - Texas Instruments TL7700CPWR Datasheet HTML 10Page - Texas Instruments TL7700CPWR Datasheet HTML 11Page - Texas Instruments TL7700CPWR Datasheet HTML 12Page - Texas Instruments TL7700CPWR Datasheet HTML 13Page - Texas Instruments TL7700CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TL7700
SUPPLY VOLTAGE SUPERVISOR
SLVS220C − JULY 1999 − REVISED NOVEMBER 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
sense-voltage hysteresis setting
If the sense voltage, Vs’, does not have hysteresis in it, and the voltage on the sensing line contains ripples, the
resetting of TL7700 will be unstable. Hysteresis is added to the sense voltage to prevent such problems. As
shown in Figure 20, the hysteresis, Vhys, is added, and the value is determined as:
Vhys = Is × R1
Where:
Is = 2.5 µA, typically at TA = 25°C
At room temperature, Is has variations of 2.5 µA ± 0.5 µA. Therefore, in the circuit shown in Figure 19, Vhys has
variations of (
±0.5 × R1) µV. In circuit design, it is necessary to consider the voltage-dividing resistor tolerance
and temperature coefficient in addition to variations in Vs and Vhys.
tpo
tpo
RESET
Vhys
VCC
1.5 V
T
T
Vs’
NOTE A: The sense voltage, Vs’, is different from the SENSE terminal input voltage, Vs. Vs normally is 500 mV for
triggering.
Figure 20. VCC-RESET Timing Chart
output pulse-duration setting
Constant-current charging starts on the timing capacitor when the sensing-line voltage reaches the TL7700
sense voltage. When the capacitor voltage exceeds the threshold level of the output drive comparator, RESET
changes from a low to a high level. The output pulse duration is the time between the point when the sense-pin
voltage exceeds the threshold level and the point when the RESET output changes from a low level to a high
level. When the TL7700 is used for system power-on reset, the output pulse duration, tpo, must be set longer
than the power rise time. The value of tpo is:
tpo = Ct × 105 seconds
Where:
Ct is the timing capacitor in farads
There is a limit on the device response speed. Even if Ct = 0, tpo is not 0, but approximately 5 µs to 10 µs.
Therefore, when the TL7700 is used as a comparator with hysteresis, without connecting Ct, switching speeds
(tr/tf, tpo/tpd, etc.) must be considered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com