Electronic Components Datasheet Search
  English  ▼

X  

LM301A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM301A
Description  Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM301A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM301A Datasheet HTML 1Page - National Semiconductor (TI) LM301A Datasheet HTML 2Page - National Semiconductor (TI) LM301A Datasheet HTML 3Page - National Semiconductor (TI) LM301A Datasheet HTML 4Page - National Semiconductor (TI) LM301A Datasheet HTML 5Page - National Semiconductor (TI) LM301A Datasheet HTML 6Page - National Semiconductor (TI) LM301A Datasheet HTML 7Page - National Semiconductor (TI) LM301A Datasheet HTML 8Page - National Semiconductor (TI) LM301A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LM101A/LM201A
LM301A
Supply Voltage
±22V
±18V
Differential Input Voltage
±30V
±30V
Input Voltage (Note 3)
±15V
±15V
Output Short Circuit Duration (Note 4)
Continuous
Continuous
Operating Ambient Temp. Range
−55˚C to +125˚C (LM101A)
0˚C to +70˚C
−25˚C to +85˚C (LM201A)
T
J Max
H-Package
150˚C
100˚C
N-Package
150˚C
100˚C
J-Package
150˚C
100˚C
Power Dissipation at T
A = 25˚C
H-Package (Still Air)
500 mW
300 mW
(400 LF/Min Air Flow)
1200 mW
700 mW
N-Package
900 mW
500 mW
J-Package
1000 mW
650 mW
Thermal Resistance (Typical)
θ
jA
H-Package (Still Air)
165˚C/W
165˚C/W
(400 LF/Min Air Flow)
67˚C/W
67˚C/W
N Package
135˚C/W
135˚C/W
J-Package
110˚C/W
110˚CmW
(Typical)
θ
jC
H-Package
25˚C/W
25˚C/W
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
Metal Can or Ceramic
300˚C
300˚C
Plastic
260˚C
260˚C
ESD Tolerance (Note 7)
2000V
2000V
Electrical Characteristics (Note 5)
T
A=TJ
Parameter
Conditions
LM101A/LM201A
LM301A
Units
Min
Typ
Max Min
Typ
Max
Input Offset Voltage
T
A = 25˚C, RS
≤ 50 kΩ
0.7
2.0
2.0
7.5
mV
Input Offset Current
T
A = 25˚C
1.5
10
3.0
50
nA
Input Bias Current
T
A = 25˚C
30
75
70
250
nA
Input Resistance
T
A = 25˚C
1.5
4.0
0.5
2.0
M
Ω
Supply Current
T
A = 25˚C
V
S = ±20V
1.8
3.0
mA
V
S = ±15V
1.8
3.0
mA
Large Signal Voltage Gain
T
A = 25˚C, VS = ±15V
50
160
25
160
V/mV
V
OUT = ±10V, RL
≥ 2kΩ
Input Offset Voltage
R
S
≤ 50 kΩ
3.0
10
mV
Average Temperature Coefficient
R
S
≤ 50 kΩ
3.0
15
6.0
30
µV/˚C
of Input Offset Voltage
Input Offset Current
20
70
nA
Average Temperature Coefficient
25˚C
≤ T
A
≤ T
MAX
0.01
0.1
0.01
0.3
nA/˚C
of Input Offset Current
T
MIN
≤ T
A
≤ 25˚C
0.02
0.2
0.02
0.6
nA/˚C
Input Bias Current
0.1
0.3
µA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com