Electronic Components Datasheet Search
  English  ▼

X  

LMC660 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC660
Description  CMOS Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC660 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC660 Datasheet HTML 4Page - National Semiconductor (TI) LMC660 Datasheet HTML 5Page - National Semiconductor (TI) LMC660 Datasheet HTML 6Page - National Semiconductor (TI) LMC660 Datasheet HTML 7Page - National Semiconductor (TI) LMC660 Datasheet HTML 8Page - National Semiconductor (TI) LMC660 Datasheet HTML 9Page - National Semiconductor (TI) LMC660 Datasheet HTML 10Page - National Semiconductor (TI) LMC660 Datasheet HTML 11Page - National Semiconductor (TI) LMC660 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Typical Single-Supply Applications
(V+ = 5.0 VDC) (Continued)
Ordering Information
Package
Temperature Range
NSC
Drawing
Transport
Media
Industrial
Commercial
−40˚C to +85˚C
0˚C to +70˚C
14-Pin
LMC660AIM
LMC660CM
M14A
Rail
Small Outline
LMC660AIMX
LMC660CMX
Tape and Reel
14-Pin
LMC660AIN
LMC660CN
N14A
Rail
Molded DIP
10 Hz Bandpass Filter
DS008767-12
fO =10 Hz
Q = 2.1
Gain = −8.8
10 Hz High-Pass Filter
DS008767-13
fc =10 Hz
d = 0.895
Gain = 1
2 dB passband ripple
1 Hz Low-Pass Filter
(Maximally Flat, Dual Supply Only)
DS008767-14
fc =1 Hz
d = 1.414
Gain = 1.57
High Gain Amplifier with Offset
Voltage Reduction
DS008767-15
Gain = −46.8
Output offset voltage reduced to the level of the input offset voltage of the
bottom amplifier (typically 1 mV).
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com