Electronic Components Datasheet Search
  English  ▼

X  

MAX3243ECDBR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3243ECDBR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3243ECDBR Datasheet(HTML) 13 Page - Texas Instruments

Back Button MAX3243ECDBR Datasheet HTML 9Page - Texas Instruments MAX3243ECDBR Datasheet HTML 10Page - Texas Instruments MAX3243ECDBR Datasheet HTML 11Page - Texas Instruments MAX3243ECDBR Datasheet HTML 12Page - Texas Instruments MAX3243ECDBR Datasheet HTML 13Page - Texas Instruments MAX3243ECDBR Datasheet HTML 14Page - Texas Instruments MAX3243ECDBR Datasheet HTML 15Page - Texas Instruments MAX3243ECDBR Datasheet HTML 16Page - Texas Instruments MAX3243ECDBR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.ti.com
APPLICATION INFORMATION
ESD Protection
ESD Test Conditions
Human Body Model (HBM)
−
+
DUT
RD
1.5 k
Ω
VHBM
100 pF
CS
MAX3243E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS657A – APRIL 2005 – REVISED JUNE 2005
TI MAX3243E devices have standard ESD protection structures incorporated on the pins to protect against
electrostatic discharges encountered during assembly and handling. In addition, the RS232 bus pins (driver
outputs and receiver inputs) of these devices have an extra level of ESD protection. Advanced ESD structures
were designed to successfully protect these bus pins against ESD discharge of
±15-kV in all states: normal
operation, shutdown, and powered down. The MAX3243E devices are designed to continue functioning properly
after an ESD occurrence without any latchup.
The MAX3243E devices have three specified ESD limits on the driver outputs and receiver inputs, with respect to
GND:
•
±15-kV Human Body Model (HBM)
•
±15-kV IEC61000-4-2, Air-Gap Discharge (formerly IEC1000-4-2)
•
±8-kV IEC61000-4-2, Contact Discharge
ESD testing is stringently performed by TI, based on various conditions and procedures. Please contact TI for a
reliability report that documents test setup, methodology, and results.
The Human Body Model of ESD testing is shown in Figure 7, while Figure 8 shows the current waveform that is
generated during a discharge into a low impedance. The model consists of a 100-pF capacitor, charged to the
ESD voltage of concern, and subsequently discharged into the DUT through a 1.5k-
Ω resistor.
Figure 7. HBM ESD Test Circuit
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com