Electronic Components Datasheet Search
  English  ▼

X  

MAX810 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MAX810
Description  3-pin microprocessor resets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAX810 Datasheet(HTML) 2 Page - NXP Semiconductors

  MAX810 Datasheet HTML 1Page - NXP Semiconductors MAX810 Datasheet HTML 2Page - NXP Semiconductors MAX810 Datasheet HTML 3Page - NXP Semiconductors MAX810 Datasheet HTML 4Page - NXP Semiconductors MAX810 Datasheet HTML 5Page - NXP Semiconductors MAX810 Datasheet HTML 6Page - NXP Semiconductors MAX810 Datasheet HTML 7Page - NXP Semiconductors MAX810 Datasheet HTML 8Page - NXP Semiconductors MAX810 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product data
MAX809/MAX810
3-pin microprocessor resets
2
2003 Aug 08
DESCRIPTION
The MAX809/MAX810 are single function microprocessor resets
used to monitor supply voltages in microprocessor and other logic
systems. They provide a reset signal to the microprocessor during
power-up, power-down, and brownout conditions. The reset signal is
asserted when the supply voltage drops below the preset threshold,
and the signal is released a set time after the supply voltage has
risen above the preset threshold.
The MAX809 has an active-LOW reset output while the MAX810
has an active-HIGH reset output.
The low supply current of typically 17
µA makes the
MAX809/MAX810 ideal for use in portable, battery operated
equipment. They are available in the 3-pin SOT23 and SC70
packages.
FEATURES
• Monitors 5.0 V, 3.3 V and 3 V supplies
• 140 ms min. reset delay time:
– Active-LOW RESET output (MAX809)
– Active-HIGH RESET output (MAX810)
• Power supply transient immunity
• Guaranteed reset valid for 1.1 V
• Available in small SOT23 and SC70 3-pin packages
• No external components needed
• Specified over full temperature range –40 °C to +105 °C
APPLICATIONS
• Embedded controllers
• Battery operated systems
• Wireless communication systems
• PDAs and handheld equipment
SIMPLIFIED SYSTEM DIAGRAMS
VCC
VCC
VCC
GND
GND
RESET
RESET INPUT
SL01642
MAX809
MICROPROCESSOR
Figure 1. MAX809 simplified system diagram.
VCC
VCC
VCC
GND
GND
RESET
RESET INPUT
SL01643
MAX810
MICROPROCESSOR
Figure 2. MAX810 simplified system diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com