Electronic Components Datasheet Search
  English  ▼

X  

OP07CP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OP07CP
Description  PRECISION OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP07CP Datasheet(HTML) 1 Page - Texas Instruments

  OP07CP Datasheet HTML 1Page - Texas Instruments OP07CP Datasheet HTML 2Page - Texas Instruments OP07CP Datasheet HTML 3Page - Texas Instruments OP07CP Datasheet HTML 4Page - Texas Instruments OP07CP Datasheet HTML 5Page - Texas Instruments OP07CP Datasheet HTML 6Page - Texas Instruments OP07CP Datasheet HTML 7Page - Texas Instruments OP07CP Datasheet HTML 8Page - Texas Instruments OP07CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
OP07C, OP07D
PRECISION OPERATIONAL AMPLIFIERS
SLOS099E − OCTOBER 1983 − REVISED MAY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Noise
D No External Components Required
D Replace Chopper Amplifiers at a Lower
Cost
D Wide Input-Voltage Range
...0 to
±14 V Typ
D Wide Supply-Voltage Range
...
±3 V to ±18 V
description/ordering information
These devices offer low offset and long-term stability by means of a low-noise, chopperless,
bipolar-input-transistor amplifier circuit. For most applications, external components are not required for offset
nulling and frequency compensation. The true differential input, with a wide input-voltage range and outstanding
common-mode rejection, provides maximum flexibility and performance in high-noise environments and in
noninverting applications. Low bias currents and extremely high input impedances are maintained over the
entire temperature range. The OP07 is unsurpassed for low-noise, high-accuracy amplification of very-low-level
signals.
These devices are characterized for operation from 0
°C to 70°C.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube of 50
OP07CP
OP07CP
PDIP (P)
Tube of 50
OP07DP
OP07DP
0
°C to 70°C
Tube of 75
OP07CD
OP07C
0
°C to 70°C
SOIC (D)
Reel of 2500
OP07CDR
OP07C
SOIC (D)
Tube of 75
OP07DD
OP07D
Reel of 2500
OP07DDR
OP07D
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
symbol
OUT
−
+
OFFSET N2
IN−
IN+
OFFSET N1
1
3
2
8
6
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
OFFSET N1
IN−
IN+
VCC−
OFFSET N2
VCC+
OUT
NC
D OR P PACKAGE
(TOP VIEW)
NC − No internal connection
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - OP07CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP07CP TI-OP07CP Datasheet
133Kb / 7P
PRECISION OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP07CP AD-OP07CP Datasheet
448Kb / 10P
Ultralow Offset Voltage Dual Operational Amplifier
logo
Maxim Integrated Produc...
OP07CP MAXIM-OP07CP Datasheet
262Kb / 8P
Low Offset Voltage Operational Amplifier
Rev 1; 8/95
logo
Analog Devices
OP07CP AD-OP07CP Datasheet
311Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. D
logo
Texas Instruments
OP07CP TI1-OP07CP Datasheet
373Kb / 8P
Low Offset, Low Drift Operational Amplifier
More results

Similar Description - OP07CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
PRECISION OPERATIONAL AMPLIFIERS
logo
Harris Corporation
CA3493 HARRIS-CA3493 Datasheet
511Kb / 11P
BiMOS Precision Operational Amplifiers
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
Dual Precision Operational Amplifiers
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
Precision Operational Amplifiers
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP193FSZ AD-OP193FSZ Datasheet
380Kb / 20P
Precision, Micropower Operational Amplifiers
REV. C
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI1-OP07C Datasheet
927Kb / 21P
Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com