Electronic Components Datasheet Search
  English  ▼

X  

MAX809JD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MAX809JD
Description  3-pin microprocessor resets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAX809JD Datasheet(HTML) 4 Page - NXP Semiconductors

  MAX809JD Datasheet HTML 1Page - NXP Semiconductors MAX809JD Datasheet HTML 2Page - NXP Semiconductors MAX809JD Datasheet HTML 3Page - NXP Semiconductors MAX809JD Datasheet HTML 4Page - NXP Semiconductors MAX809JD Datasheet HTML 5Page - NXP Semiconductors MAX809JD Datasheet HTML 6Page - NXP Semiconductors MAX809JD Datasheet HTML 7Page - NXP Semiconductors MAX809JD Datasheet HTML 8Page - NXP Semiconductors MAX809JD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product data
MAX809/MAX810
3-pin microprocessor resets
2003 Aug 08
4
PINNING
SL01641
1
3
2
VCC
RESET
GND
MAX809
Figure 3. MAX809 pin configuration.
MAX809 pin description
PIN
SYMBOL
DESCRIPTION
1
GND
Device ground.
2
RESET
Active-LOW reset signal.
3
VCC
Supply voltage input.
SL01644
1
3
2
VCC
RESET
GND
MAX810
Figure 4. MAX810 pin configuration.
MAX810 pin description
PIN
SYMBOL
DESCRIPTION
1
GND
Device ground.
2
RESET
Active-HIGH reset signal.
3
VCC
Supply voltage input.
MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
Supply voltage
–0.3
6.0
V
Vi(RESET)
Input voltage at RESET pin (MAX809)
–0.3
VCC + 0.3
V
Vi(RESET)
Input voltage at RESET pin (MAX810)
–0.3
VCC + 0.3
V
Ii(VCC)
Input current at VCC pin
–
20
mA
Io
Output current
–
20
mA
Rate of rise at VCC
–
100
V/
µs
Tamb
Ambient temperature
–40
+105
°C
Tstg
Storage temperature
–65
+150
°C
P
Power dissipation
Derate 4 mW/
°C above Tamb = 70 °C
–
320
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com